Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 49 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 45Page - STMicroelectronics M7010R Datasheet HTML 46Page - STMicroelectronics M7010R Datasheet HTML 47Page - STMicroelectronics M7010R Datasheet HTML 48Page - STMicroelectronics M7010R Datasheet HTML 49Page - STMicroelectronics M7010R Datasheet HTML 50Page - STMicroelectronics M7010R Datasheet HTML 51Page - STMicroelectronics M7010R Datasheet HTML 52Page - STMicroelectronics M7010R Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
49/67
M7010R
LEARN is a pipelined operation and last for two
CLK cycles where TLSZ = 00, as shown in Figure
35, page 49, and TLSZ = 01, as shown in Figure
36, page 50 and Figure 37, page 51. Figure 36 and
Figure 37 assume that the device performing the
LEARN operation is not the last device in the table
and has its LRAM Bit set to '0.'
Note: The OE_L for the device with the LRAM Bit
set goes high for two cycles for each LEARN (one
during the SRAM WRITE cycle, and one during
the cycle before it). The latency of the SRAM
WRITE cycle from the second cycle of the instruc-
tion is shown in Table 34, page 51.
Figure 35. LEARN Command Timing Diagram (TLSZ = 00)
Cycle
1
Cycle
2
Cycle
3
Cycle
4
Cycle
5
Cycle
7
Cycle
6
Cycle
8
Cycle
10
Cycle
9
CLK2X
CMDV
CMD[1:0]
ALE_L, CE_L
WE_L
OE_L
SADR[21:0]
SSV
SSF
CMD[8:2]
PHS_L
AI04289
A
BX
X
XX
XX
DQ
A1
1
1
11
1
1
0
0
0
0
0
1
0
0
0
A2
Learn1
Learn2
X
X
TLSZ = 00, LRAM = 1, LDEV = 1
Comp1
Comp2
1A 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com