Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 101 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 101 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 97Page - STMicroelectronics M7020R Datasheet HTML 98Page - STMicroelectronics M7020R Datasheet HTML 99Page - STMicroelectronics M7020R Datasheet HTML 100Page - STMicroelectronics M7020R Datasheet HTML 101Page - STMicroelectronics M7020R Datasheet HTML 102Page - STMicroelectronics M7020R Datasheet HTML 103Page - STMicroelectronics M7020R Datasheet HTML 104Page - STMicroelectronics M7020R Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 150 page
background image
101/150
M7020R
Table 46. Hit/Miss Assumption
Figure 71. Hardware Diagram for a Table with 31 Devices
Search Number
1
2
3
Block 0
Miss
Miss
Miss
Block 1
Miss
Miss
Hit
Block 2
Miss
Hit
Hit
Block 3
Hit
Hit
Miss
SRAM
BHI[2]
BHI[2]
BHI[1]
BHI[0]
BHO[2]
BHO[1]
BHO[0]
BHI[1]
BHI[0]
BHO[2]
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
BHO[2]
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
BHO[2]
BHO[1]
BHO[0]
Block of 8 M7020Rs, Block 0 (Devices 0-7)
Block of 8 M7020Rs, Block 1 (Devices 8-15)
Block of 8 M7020Rs, Block 2 (Devices 16-23)
Block of 7 M7020Rs, Block 3 (Devices 24-30)
AI05671
GND
GND
GND
SSF, SSV
CMD[8:0], CMDV
DQ[67:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com