Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3728 Datasheet (PDF) - ams-OSRAM AG

AS3728 Datasheet PDF - ams-OSRAM AG
Part # AS3728
Download  AS3728 Download
File Size   818.43 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 8A Power Stage

AS3728 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3728 Datasheet PDF - ams-OSRAM AG

Part # AS3728
Download  AS3728 Click to download

File Size   818.43 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 8A Power Stage

AS3728 Datasheet (HTML) - ams-OSRAM AG


AS3728 Product details

General Description
The AS3728 is a companion power stage, intended to be used
with AS372x products.
It cannot be used without a DCDC controller. It contains the
power FETs for 2 phases and is capable to handle output
currents up of 4A per phase.
Applications
The device is a high current dual-phase DCDC and ideal for:
• Mobile phones
• Tablets
• Notebooks




Similar Part No. - AS3728

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3722 AMSCO-AS3722 Datasheet
3Mb / 198P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
logo
ams-OSRAM AG
AS3722 AMSOSRAM-AS3722 Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3722-BCTR-ES AMSOSRAM-AS3722-BCTR-ES Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3722-BCTT-00 AMSOSRAM-AS3722-BCTT-00 Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3722-BCTT-XX AMSOSRAM-AS3722-BCTT-XX Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
More results


Similar Description - AS3728

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6053 MOSPEC-2N6053 Datasheet
172Kb / 4P
POWER TRANSISTORS(8A,100W)
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
POWER TRANSISTORS(8A, 75W)
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
POWER TRANSISTORS(8A,125W)
logo
Intersil Corporation
ISL6580 INTERSIL-ISL6580 Datasheet
1Mb / 31P
Integrated Power Stage
September 2003
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
POWER TRANSISTOR (-100V, -8A)
logo
Powersem GmbH
PSBM24 POWERSEM-PSBM24 Datasheet
155Kb / 2P
Power MOSFET Stage
logo
Fairchild Semiconductor
FDMS3660AS FAIRCHILD-FDMS3660AS Datasheet
397Kb / 13P
PowerTrench짰 Power Stage
FDMS3669S FAIRCHILD-FDMS3669S Datasheet
587Kb / 16P
PowerTrench짰 Power Stage
logo
ams AG
AS3729 AMSCO-AS3729 Datasheet
468Kb / 19P
5A Power Stage
logo
Powerex Power Semicondu...
RD750VA-SIP POWEREX-RD750VA-SIP Datasheet
122Kb / 1P
Complete Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com