Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3728 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS3728
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3728 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS3728 Datasheet HTML 5Page - ams-OSRAM AG AS3728 Datasheet HTML 6Page - ams-OSRAM AG AS3728 Datasheet HTML 7Page - ams-OSRAM AG AS3728 Datasheet HTML 8Page - ams-OSRAM AG AS3728 Datasheet HTML 9Page - ams-OSRAM AG AS3728 Datasheet HTML 10Page - ams-OSRAM AG AS3728 Datasheet HTML 11Page - ams-OSRAM AG AS3728 Datasheet HTML 12Page - ams-OSRAM AG AS3728 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-31
AS3728 − Typical Operating Characteristics
Figure 9:
Efficiency vs. Output Current
Figure 10:
Efficiency vs. Output Current
AS3728 Step Down DCDC: Shows the
Efficiency vs. Output Current for various
switching frequencies with VOUT = 1.2V,
VIN = 5V, TAMB = 25°C and TDK coil
SPM5030
AS3728 Step Down DCDC: Shows the
Efficiency vs. Output Current for various
coil types with a switching frequency of
1.35MHz, VOUT = 1.2V, VIN = 5V,
TAMB = 25°C
40
45
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
Output Current (A)
AS3728 5V-1.2V SPM5030 0.35uH 3.9mΩ combined (1.35MHz)
AS3728 5V-1.2V SPM5030 0.35uH 3.9mΩ combined (0.675MHz)
AS3728 5V-1.2V SPM5030 0.35uH 3.9mΩ combined (2.7MHz)
AS3728 5V-1.2V SPM5030 0.75uH 8.5mΩ combined (1.35MHz)
AS3728 5V-1.2V SPM5030 0.75uH 8.5mΩ combined (0.675MHz)
AS3728 5V-1.2V SPM5030 0.75uH 8.5mΩ combined (2.7MHz)
40
45
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
Output Current (A)
AS3728 5V-1.2V SPM5030 0.75uH 8.5mΩ combined (1.35MHz)
AS3728 5V-1.2V XFL4015 0.47uH 7.6mΩ combined (1.35MHz)
AS3728 5V-1.2V SPM4015 0.68uH 24.5mΩ combined (1.35MHz)
AS3728 5V-1.2V SPM5030 0.35uH 3.9mΩ combined (1.35MHz)
AS3728 5V-1.2V SPM4015 0.68uH 24.5mΩ (1.35MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com