Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3728 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS3728
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3728 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS3728 Datasheet HTML 6Page - ams-OSRAM AG AS3728 Datasheet HTML 7Page - ams-OSRAM AG AS3728 Datasheet HTML 8Page - ams-OSRAM AG AS3728 Datasheet HTML 9Page - ams-OSRAM AG AS3728 Datasheet HTML 10Page - ams-OSRAM AG AS3728 Datasheet HTML 11Page - ams-OSRAM AG AS3728 Datasheet HTML 12Page - ams-OSRAM AG AS3728 Datasheet HTML 13Page - ams-OSRAM AG AS3728 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ams Datasheet
Page 9
[v1-03] 2015-Aug-31
Document Feedback
AS3728 − Application Information
Figure 11:
Typical Application Circuit
Typical Application: This figure shows the connection of the DCDC controller and the AS3728 Power Stage.
External Components
Figure 12:
Step Down DCDC Power Stage External Components
External Components: Shows the recommended values of the needed external components of the Step Down
DCDC Power Stage.
Symbol
Parameter
Min
Typ
Max
Units
Note
External Components Per Phase
CFB
Output Capacitor
64
82
μF
Ceramic X5R or X7R / 6.3V high
performance
32
47
μF
Ceramic X5R or X7R / 6.3V cost
optimized
CHVSUP
HV Input Capacitor
6
10
μF
Ceramic X5R or X7R / 25V
CBOOST
Boost Capacitor
100
nF
Ceramic X5R or X7R / 6.3V
C5VSUP
5V Supply Capacitor
1
μF
Ceramic X5R or X7R / 6.3V
LInductor
0.5
1
μH
5A rated, 1MHz operation, low RON
Application Information
DCDC
0.6 – 1.5V
8A
1.3MHz
HVSUP
TEMP
CTRL1
5VSUP
CTRL2
BOOST1
LX2
BOOST2
LX 1
PVSS
PVSS
1uH
1uH
FB_SDx
FB_SDx
CTRL2_SDx
CTRL1_SDx
TEMP_SDx
Vout (0.6-1.5V@8A)
DVM, 10mV steps
100nF
100nF
47uF
HVSUP
10uF
10uF
1uF
optional
47uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com