Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3728 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS3728
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3728 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS3728 Datasheet HTML 10Page - ams-OSRAM AG AS3728 Datasheet HTML 11Page - ams-OSRAM AG AS3728 Datasheet HTML 12Page - ams-OSRAM AG AS3728 Datasheet HTML 13Page - ams-OSRAM AG AS3728 Datasheet HTML 14Page - ams-OSRAM AG AS3728 Datasheet HTML 15Page - ams-OSRAM AG AS3728 Datasheet HTML 16Page - ams-OSRAM AG AS3728 Datasheet HTML 17Page - ams-OSRAM AG AS3728 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ams Datasheet
Page 13
[v1-03] 2015-Aug-31
Document Feedback
AS3728 − Ordering & Contact Information
Figure 17:
Ordering Information
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Description
Package
Delivery Form
Delivery Quantity
AS3728-BWLT
Power Stage for
Multi-Phase DCDC
24-pin WL-CSP
Tape & Reel
12000 pcs/reel
AS3728-BWLM
Power Stage for
Multi-Phase DCDC
24-pin WL-CSP
Mini T & R
500 pcs/reel
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com