Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3728 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS3728
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3728 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS3728 Datasheet HTML 1Page - ams-OSRAM AG AS3728 Datasheet HTML 2Page - ams-OSRAM AG AS3728 Datasheet HTML 3Page - ams-OSRAM AG AS3728 Datasheet HTML 4Page - ams-OSRAM AG AS3728 Datasheet HTML 5Page - ams-OSRAM AG AS3728 Datasheet HTML 6Page - ams-OSRAM AG AS3728 Datasheet HTML 7Page - ams-OSRAM AG AS3728 Datasheet HTML 8Page - ams-OSRAM AG AS3728 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ams Datasheet
Page 3
[v1-03] 2015-Aug-31
Document Feedback
AS3728 − Pin Assignment
Figure 3:
Pin Diagram - 24 Balls WL-CSP with 0.4mm Pitch
Figure 4:
Pin Description
Pin Description: Shows the pin number, type, name and description of every pin.
Pin Number
Pin Name
Pin Type
Description
A1
BOOST1
AI
Supply pin for phase 1 high-side NMOS driver
B1
CTRL1
AIO
Control IO for phase 1
C1
5VSUP
S
5V supply pin
D1
TEMP
AIO
ON/OFF control and temperature feedback
E1
CTRL2
AIO
Control IO for phase 2
F1
BOOST2
AI
Supply pin for phase 2 high-side NMOS driver
A2, B2, C2
HVSUP
S
Phase 1 positive supply terminal
D2, E2, F2
HVSUP
S
Phase 2 positive supply terminal
A3, B3, C3
LX1
AIO
Phase 1 switching output to coil
D3, E3, F3
LX2
AIO
Phase 2 switching output to coil
A4, B4, C4
PVSS
Phase 1 negative supply terminal
D4, E4, F4
PVSS
Phase 2 negative supply terminal
Pin Assignment
A2
HVSUP
A3
LX1
C1
5VSUP
D2
HVSUP
C2
HVSUP
B3
LX1
A4
PVSS
B2
HVSUP
B1
CTRL1
C4
PVSS
D3
LX2
A1
BOOST
1
B4
PVSS
C3
LX1
D4
PVSS
Pin A1
indicator
D1
TEMP
E1
CTRL2
F2
HVSUP
E2
HVSUP
E4
PVSS
F3
LX2
E3
LX2
F4
PVSS
F1
BOOST
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com