Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3728 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS3728
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3728 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS3728 Datasheet HTML 3Page - ams-OSRAM AG AS3728 Datasheet HTML 4Page - ams-OSRAM AG AS3728 Datasheet HTML 5Page - ams-OSRAM AG AS3728 Datasheet HTML 6Page - ams-OSRAM AG AS3728 Datasheet HTML 7Page - ams-OSRAM AG AS3728 Datasheet HTML 8Page - ams-OSRAM AG AS3728 Datasheet HTML 9Page - ams-OSRAM AG AS3728 Datasheet HTML 10Page - ams-OSRAM AG AS3728 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-31
AS3728 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Electrical Characteristics
Electrical Characteristics: Shows the Electrical Characteristics of the Step Down DCDC Power Stage.
HVSUP = 5VSUP = 5.0V, TA = 25°C (unless otherwise specified)
Note(s) and/or Footnote(s):
1. Maximum value only for pulsed peak current
2. MOS transistor and package parasitic
Symbol
Parameter
Min
Typ
Max
Units
Note
VIN
Input Voltage
4.5
12
14
V
Pin HVSUP
4.5
5.5
V
Pin 5VSUP
05.5
V
Pin CTRLx
03.6
V
Pin TEMP
ILIMIT
Peak coil current limit
5.6
A
Single phase
ILOAD
Load current
Single phase
03
A
Continuous load current
4 (1)
Peak load current
RHS-NMOS
N-switch ON resistance (2)
115
180
mΩ
Single phase
RLS-NMOS
N-switch ON resistance (2)
30
40
mΩ
Single phase
fSW
Switching frequency
1.3
3
MHz
Supplied by DCDC
controller
IQ_HVSUP
Quiescent current into
HVSUP
2μA
TEMP pin high, CTRLx
pin high
IQ_5VSUP
Quiescent current into
5VSUP
20
60
μA
TEMP pin high, CTRLx
pin high
Ipower_off
Power-Off current
into HVSUP or 5VSUP
1μA
No current into pin TEMP
Rdischarge
Active discharge
28
Ω
Single phase
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com