Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet (PDF) - Analog Devices

AD8341 Datasheet PDF - Analog Devices
Part # AD8341_V01
Download  AD8341 Download
File Size   616.85 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 GHz to 2.4 GHz RF Vector Modulator

AD8341 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8341 Datasheet PDF - Analog Devices

Part # AD8341_V01
Download  AD8341 Click to download

File Size   616.85 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 GHz to 2.4 GHz RF Vector Modulator

AD8341 Datasheet (HTML) - Analog Devices


AD8341 Product details

FEATURES Cartesian amplitude and phase modulation 1.5 GHz to 2.4 GHz frequency range Continuous magnitude control of −4.5 dB to −34.5 dB Continuous phase control of 0° to 360° Output third-order intercept 17.5 dBm Output 1 dB compression point 8.5 dBm
Output noise floor −150.5 dBm/Hz at full gain Adjustable modulation bandwidth up to 230 MHz
Fast output power disable 4.75 V to 5.25 V single-supply voltage

APPLICATIONS
RF PA linearization/RF predistortion
Amplitude and phase modulation
Variable attenuators and phase shifters CDMA2000, WCDMA, GSM/EDGE linear power amplifiers Smart antennas




Similar Part No. - AD8341_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8341-EVAL AD-AD8341-EVAL Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
AD8341ACPZ-REEL72 AD-AD8341ACPZ-REEL72 Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
AD8341ACPZ-WP1 AD-AD8341ACPZ-WP1 Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
More results


Similar Description - AD8341_V01

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
Texas Instruments
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com