Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 2 Page - Analog Devices

  AD8341_V01 Datasheet HTML 1Page - Analog Devices AD8341_V01 Datasheet HTML 2Page - Analog Devices AD8341_V01 Datasheet HTML 3Page - Analog Devices AD8341_V01 Datasheet HTML 4Page - Analog Devices AD8341_V01 Datasheet HTML 5Page - Analog Devices AD8341_V01 Datasheet HTML 6Page - Analog Devices AD8341_V01 Datasheet HTML 7Page - Analog Devices AD8341_V01 Datasheet HTML 8Page - Analog Devices AD8341_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8341
Data Sheet
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 10
RF Quadrature Generator ......................................................... 10
I-Q Attenuators and Baseband Amplifiers.............................. 11
Output Amplifier........................................................................ 11
Noise and Distortion.................................................................. 11
Gain and Phase Accuracy.......................................................... 11
RF Frequency Range .................................................................. 11
Applications Information .............................................................. 12
Using the AD8341...................................................................... 12
RF Input and Matching ............................................................. 12
RF Output and Matching .......................................................... 13
Driving the I-Q Baseband Controls......................................... 13
Interfacing to High Speed DACs.............................................. 14
CDMA2000 Application............................................................ 14
WCDMA Application................................................................ 15
Evaluation Board ............................................................................ 17
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
9/2017—Rev. A to Rev. B
Change to Figure 2 ........................................................................... 5
Changed Applications Section to Applications Information
Section.............................................................................................. 12
Updated Outline Dimensions ...................................................... 20
Changes to Ordering Guide ......................................................... 20
11/2012—Rev. 0 to Rev. A
Changes to Figure 2 and Table 3..................................................... 5
Replaced Figure 42 and Figure 43 ................................................ 19
Updated Outline Dimensions....................................................... 20
Changes to Ordering Guide .......................................................... 20
7/2004—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com