Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8341_V01 Datasheet HTML 4Page - Analog Devices AD8341_V01 Datasheet HTML 5Page - Analog Devices AD8341_V01 Datasheet HTML 6Page - Analog Devices AD8341_V01 Datasheet HTML 7Page - Analog Devices AD8341_V01 Datasheet HTML 8Page - Analog Devices AD8341_V01 Datasheet HTML 9Page - Analog Devices AD8341_V01 Datasheet HTML 10Page - Analog Devices AD8341_V01 Datasheet HTML 11Page - Analog Devices AD8341_V01 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8341
Data Sheet
Rev. B | Page 8 of 20
FREQUENCY (MHz)
1500
2400
2300
2200
2100
2000
1900
1800
1700
1600
25
0
5
10
15
20
–40
°C
+25
°C
+85
°C
Figure 15. Output IP3 vs. Frequency and Temperature,
Maximum Gain, Phase Setpoint = 0°, 2.5 MHz Carrier Spacing
FREQUENCY (MHz)
10
410
360
310
260
210
160
110
60
–10
–35
–30
–25
–20
–15
1V p-p BB INPUT
500mV p-p BB INPUT
250mV p-p BB INPUT
Figure 16. I/Q Modulation Bandwidth vs. Baseband Magnitude
0
360
45
90
135
180
225
270
315
10
–15
–10
–5
0
5
PHASE SETPOINT (Degrees)
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.25
GAIN SETPOINT = 0.1
Figure 17. Output 1 dB Compression Point vs. Gain and
Phase Setpoints, RF Frequency = 1900 MHz
0
360
45
90
135
180
225
270
315
20
–10
–5
0
5
10
15
PHASE SETPOINT (Degrees)
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.25
GAIN SETPOINT = 0.1
Figure 18. Output IP3 vs. Gain and Phase Setpoints,
RF Frequency = 1900 MHz, 2.5 MHz Carrier Spacing
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 1.9GHz
500kHz/
SPAN 5MHz
1SA
RBW 30kHz
VBW 30kHz
SWT 100ms
RF ATT
20dB
UNIT
dBm
REF LVL
0dBm
A
Figure 19. Single-Sideband Performance, RF Frequency = 1900 MHz,
RF Input = −10 dBm; 1 MHz, 500 mV p-p Differential BB Drive
0
180
30
330
60
90
270
300
120
240
150
210
S11 RF PORT WITH 1.2nH INDUCTORS
S11 RF PORT WITHOUT INDUCTORS
1500MHz
2400MHz
Figure 20. Input Impedance Smith Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com