Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8341_V01 Datasheet HTML 10Page - Analog Devices AD8341_V01 Datasheet HTML 11Page - Analog Devices AD8341_V01 Datasheet HTML 12Page - Analog Devices AD8341_V01 Datasheet HTML 13Page - Analog Devices AD8341_V01 Datasheet HTML 14Page - Analog Devices AD8341_V01 Datasheet HTML 15Page - Analog Devices AD8341_V01 Datasheet HTML 16Page - Analog Devices AD8341_V01 Datasheet HTML 17Page - Analog Devices AD8341_V01 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8341
Data Sheet
Rev. B | Page 14 of 20
The 3 dB bandwidth is set by choosing CFLT according to the
following equation:
pF
0.5
nF
10
kHz
45
f3dB
+
×
≈
FLT
C
This equation has been verified for values of CFLT from 10 pF to
0.1 µF (bandwidth settings of approximately 4.5 kHz to 43 MHz).
INTERFACING TO HIGH SPEED DACs
The AD977x family of dual DACs is well suited to driving the I
and Q vector controls of the AD8341. While these inputs can in
general be driven by any DAC, the differential outputs and bias
level of the ADI TxDAC® family allows for a direct connection
between DAC and modulator.
The AD977x family of dual DACs has differential current outputs.
The full-scale current is user programmable and is usually set to
20 mA, that is, each output swings from 0 mA to 20 mA.
The basic interface between the AD9777 DAC outputs and the
AD8341 I and Q inputs is shown in Figure 33. The Resistors R1
and R2 set the dc bias level according to the equation:
Bias Level = Average Output Current × R1
For example, if the full-scale current from each output is 20 mA,
each output has an average current of 10 mA. Therefore to set
the bias level to the recommended 0.5 V, set R1 and R2 to 50 Ω
each. R1 and R2 must always be equal.
If R3 is omitted, the result is an available swing from the DAC
of 2 V p-p differential, which is twice the maximum voltage
range required by the AD8341. DAC resolution can be maximized
by adding R3, which scales down this voltage according to the
following equation:
=
Swing
Scale
Full
(
)
(
)


+
−
×
+
×
R3
R2
R2
R3
R2
R1
IMAX
1
||
2
OPTIONAL
LOW-PASS
FILTER
R1
R2
R3
IOUTB2
IOUTA2
QBBM
QBBP
IOUTB1
IOUTA1
IBBM
IBBP
AD9777
AD8341
OPTIONAL
LOW-PASS
FILTER
R1
R2
R3
Figure 33. Basic AD9777 to AD8341 Interface
(
Ω)
130
50 55 60 65 70 75 80 85 90
100 105
115 120
110
125
95
1.15
1.08
1.10
1.13
1.00
1.02
1.05
0.95
0.97
0.88
0.90
0.92
0.77
0.80
0.82
0.85
0.70
0.75
0.72
Figure 34. Peak-to-Peak DAC Output Swing vs.
Swing Scaling Resistor R3 (R1 = R2 = 50 Ω)
Figure 34 shows the relationship between the value of R3 and
the peak baseband voltage with R1 and R2 equal to 50 Ω. From
Figure 34, it can be seen that a value of 100 Ω for R3 provides a
peak-to-peak swing of 1 V p-p differential into the I and Q inputs
of the AD8341.
When using a DAC, low-pass image reject filters are typically
used to eliminate the Nyquist images produced by the DAC.
They also provide the added benefit of eliminating broadband
noise that might feed into the modulator from the DAC.
CDMA2000 APPLICATION
To test the compliance to the CDMA2000 base station standard,
a single-carrier CDMA2000 test model signal (forward pilot,
sync, paging, and six traffic as per 3GPP2 C.S0010-B, Table 6.5.2.1)
was applied to the AD8341 at 1960 MHz. A cavity tuned filter
was used to reduce noise from the signal source being applied
to the device. The 6.8 MHz pass band of this filter is apparent in
the subsequent spectral plots.
Figure 35 shows a plot of the spectrum of the output signal
under nominal conditions. POUT is equal to −4 dBm and VBBI =
VBBQ = 0.353 V, i.e., VIBBP − VIBBM = VQBBP − VQBBM = 0.353 V.
Noise and distortion is measured in a 1 MHz bandwidth at
±2.25 MHz carrier offset (30 kHz measurement bandwidth).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com