Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 5 Page - Analog Devices

  AD8341_V01 Datasheet HTML 1Page - Analog Devices AD8341_V01 Datasheet HTML 2Page - Analog Devices AD8341_V01 Datasheet HTML 3Page - Analog Devices AD8341_V01 Datasheet HTML 4Page - Analog Devices AD8341_V01 Datasheet HTML 5Page - Analog Devices AD8341_V01 Datasheet HTML 6Page - Analog Devices AD8341_V01 Datasheet HTML 7Page - Analog Devices AD8341_V01 Datasheet HTML 8Page - Analog Devices AD8341_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8341
Rev. B | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DSOP
VPS2
IBBM
IBBP
IFLM
IFLP
VPS2
VPS2
QBBM
QBBP
QFLM
QFLP
NOTES
1. THE EXPOSED PADDLE SHOULD BE SOLDERED TO
A LOW IMPEDANCE GROUND PLANE.
2
1
3
4
5
6
18
17
16
15
14
13
AD8341
TOP VIEW
(Not to Scale)
Figure 2. 24-Lead Lead Frame Chip Scale Package (LFCSP)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 2
QFLP, QFLM
Q Baseband Input Filter Pins. Connect optional capacitor to reduce Q baseband channel low-pass
corner frequency.
3, 4
QBBP, QBBM
Q Channel Differential Baseband Inputs.
5, 6, 14, 19, 24
VPS2, VPRF
Positive Supply Voltage. 4.75 V − 5.25 V.
7, 8, 11, 12, 20, 23
CMOP, CMRF
Device Common. Connect via lowest possible impedance to external circuit common.
9, 10
RFOP, RFOM
Differential RF Outputs. Must be ac-coupled. Differential impedance 50 Ω nominal.
13
DSOP
Output Disable. Pull high to disable output stage.
15, 16
IBBM, IBBP
I Channel Differential Baseband Inputs.
17, 18
IFLM, IFLP
I Baseband Input Filter Pins. Connect optional capacitor to reduce I baseband channel low-pass
corner frequency.
21, 22
RFIM, RFIP
Differential RF Inputs. Must be ac-coupled. Differential impedance 50 Ω nominal.
EP
Exposed Paddle. The exposed paddle should be soldered to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com