Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8341_V01 Datasheet HTML 6Page - Analog Devices AD8341_V01 Datasheet HTML 7Page - Analog Devices AD8341_V01 Datasheet HTML 8Page - Analog Devices AD8341_V01 Datasheet HTML 9Page - Analog Devices AD8341_V01 Datasheet HTML 10Page - Analog Devices AD8341_V01 Datasheet HTML 11Page - Analog Devices AD8341_V01 Datasheet HTML 12Page - Analog Devices AD8341_V01 Datasheet HTML 13Page - Analog Devices AD8341_V01 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8341
Data Sheet
Rev. B | Page 10 of 20
THEORY OF OPERATION
The AD8341 is a linear RF vector modulator with Cartesian
baseband controls. In the simplified block diagram given in
Figure 26, the RF signal propagates from the left to the right
while baseband controls are placed above and below. The RF
input is first split into in-phase (I) and quadrature (Q) components.
The variable attenuators independently scale the I and Q compo-
nents of the RF input. The attenuator outputs are then summed
and buffered to the output.
By controlling the relative amounts of I and Q components that
are summed, continuous magnitude and phase control of the
gain is possible. Consider the vector gain representation of the
AD8341 expressed in polar form in Figure 27. The attenuation
factors for the I and Q signal components are represented on
the x- and y-axis, respectively, by the baseband inputs, VBBI and
VBBQ. The resultant of their vector sum represents the vector
gain, which can also be expressed as a magnitude and phase. By
applying different combinations of baseband inputs, any vector
gain within the unit circle can be programmed.
A change in sign of VBBI or VBBQ can be viewed as a change in
sign of the gain or as a 180° phase change. The outermost circle
represents the maximum gain magnitude of unity. The circle
origin implies, in theory, a gain of 0. In practice, circuit mismatches
and unavoidable signal feedthrough limit the minimum gain to
approximately −34.5 dB. The phase angle between the resultant
gain vector and the positive x-axis is defined as the phase shift.
Note that there is a nominal, systematic insertion phase through
the AD8341 to which the phase shift is added. In the following
discussions, the systematic insertion phase is normalized to 0°.
The correspondence between the desired gain and phase setpoints,
GainSP and PhaseSP, and the Cartesian inputs, VBBI and VBBQ, is
given by simple trigonometric identities
(
)
(
)
[
]2
2
/
/
O
BBQ
O
BBI
SP
V
V
V
V
Gain
+
=
(
)
BBI
BBQ
SP
V
V
Phase
/
arctan
=
where:
VO is the baseband scaling constant (500 mV).
VBBI and VBBQ are the differential I and Q baseband voltages,
respectively.
Note that when evaluating the arctangent function, the proper
phase quadrant must be selected. For example, if the principal
value of the arctangent (known as the Arctangent(x)) is used,
quadrants 2 and 3 could be interpreted mistakenly as quadrants
4 and 1, respectively. In general, both VBBI and VBBQ are needed
in concert to modulate the gain and the phase.
Pure amplitude modulation is represented by radial movement of
the gain vector tip at a fixed angle, while pure phase modulation
is represented by rotation of the tip around the circle at a fixed
radius. Unlike traditional I-Q modulators, the AD8341 is designed
to have a linear RF signal path from input to output. Traditional
I-Q modulators provide a limited LO carrier path through which
any amplitude information is removed.
LINEAR
ATTENUATOR
LINEAR
ATTENUATOR
V-I
V-I
0
°/90°
I-V
VBBQ
Q CHANNEL INPUT
SINGLE-ENDED OR
DIFFERENTIAL
50
Ω INPUT Z
VBBI
I CHANNEL INPUT
OUTPUT
DISABLE
SINGLE-ENDED OR
DIFFERENTIAL
50
Ω OUTPUT
Figure 26. Simplified Architecture of the AD8341
|A|
θ
A
+0.5
–0.5
+0.5
–0.5
Vi
Vq
MIN GAIN
MAX GAIN
Figure 27. Vector Gain Representation
RF QUADRATURE GENERATOR
The RF input is directly coupled differentially or single-ended
to the quadrature generator, which consists of a multistage RC
polyphase network tuned over the operating frequency range of
1.5 GHz to 2.4 GHz. The recycling nature of the polyphase net-
work generates two replicas of the input signal, which are in
precise quadrature, i.e., 90°, to each other. Because the passive
network is perfectly linear, the amplitude and phase information
contained in the RF input is transmitted faithfully to both chan-
nels. The quadrature outputs are then separately buffered to drive
the respective attenuators. The characteristic impedance of the
polyphase network is used to set the input impedance of the
AD8341.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com