Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8341_V01 Datasheet HTML 9Page - Analog Devices AD8341_V01 Datasheet HTML 10Page - Analog Devices AD8341_V01 Datasheet HTML 11Page - Analog Devices AD8341_V01 Datasheet HTML 12Page - Analog Devices AD8341_V01 Datasheet HTML 13Page - Analog Devices AD8341_V01 Datasheet HTML 14Page - Analog Devices AD8341_V01 Datasheet HTML 15Page - Analog Devices AD8341_V01 Datasheet HTML 16Page - Analog Devices AD8341_V01 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8341
Rev. B | Page 13 of 20
RF OUTPUT AND MATCHING
The RF outputs of the AD8341, RFOP, and RFOM, are open
collectors of a transimpedance amplifier, which need to be
pulled up to the positive supply, preferably with RF chokes as
shown in Figure 31. The nominal output impedance looking
into each individual output pin is 25 Ω. Consequently, the
differential output impedance is 50 Ω.
50
Ω
DIFFERENTIAL
100pF
1:1
RF
OUTPUT
RFOM
RFOP
RT
RT
120nH
100pF
VP
GM
±ISIG
Figure 31. RF Output Interface to the AD8341 Showing
Coupling Capacitors, Pull-Up RF Chokes, and Balun
Because the output dc levels are at the positive supply, ac coupling
capacitors are usually be needed between the AD8341 outputs
and the next stage in the system.
A 1:1 RF broadband output balun, such as the ETC1-1-13
(M/A-COM), converts the differential output of the AD8341
into a single-ended signal. Note that the loss and balance of the
balun directly impact the apparent output power, noise floor,
and gain/phase errors of the AD8341. In critical applications,
narrow-band baluns with low loss and superior balance are
recommended.
If the output is taken in a single-ended fashion directly into a
50 Ω load through a coupling capacitor, there is an impedance
mismatch. This can be resolved with a 1:2 balun to convert the
single-ended 25 Ω output impedance to 50 Ω. If loss of signal
swing is not critical, a 25 Ω back termination in series with the
output pin can also be used. The unused output pin must still be
pulled up to the positive supply. The user may load it through a
coupling capacitor with a dummy load to preserve balance. The
gain of the AD8341 when the output is single-ended varies
slightly with dummy load value as shown in Figure 32.
FREQUENCY (GHz)
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
–5.5
–6.0
–6.5
–7.0
–7.5
–8.0
–8.5
3.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RL2 = OPEN
RL2 = 50Ω
RL2 = SHORT
RL = 50Ω
Figure 32. Gain of the AD8341 Using a Single-Ended Output with Different
Dummy Loads, RL2, on the Unused Output
The RF output signal can be disabled by raising the DSOP pin
to the positive supply. The output disable function provides
>30 dB attenuation of the input signal even at full gain. The
interface to DSOP is high impedance and the shutdown and
turn-on response times are <100 ns. If the disable function is
not needed, tie the DSOP pin to ground.
DRIVING THE I-Q BASEBAND CONTROLS
The I and Q inputs to the AD8341 set the gain and phase
between input and output. These inputs are differential and
normally have a common-mode level of 0.5 V. However, when
differentially driven, the common mode can vary from 250 mV
to 750 mV while still allowing full gain control. Each input pair
has a nominal input swing of ±0.5 V differential around the
common-mode level. The maximum gain of unity is achieved if
the differential voltage is equal to +500 mV or −500 mV. There-
fore, with a common-mode level of 500 mV, IBBP and IBBM
each swing between 250 mV and 750 mV.
The I and Q inputs can also be driven with a single-ended
signal. In this case, one side of each input must be tied to a
low noise 0.5 V voltage source (a 0.1 µF decoupling capacitor
located close to the pin is recommended), while the other input
swings from 0 V to 1 V. Differential drive generally offers superior
even-order distortion and lower noise than single-ended drive.
The bandwidth of the baseband controls exceeds 200 MHz even
at full-scale baseband drive. This allows for very fast gain and
phase modulation of the RF input signal. In cases where lower
modulation bandwidths are acceptable or desired, external filter
capacitors can be connected across Pins IFLP to IFLM and
QFLP to QFLM to reduce the ingress of baseband noise and
spurious signal into the control path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com