Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet (PDF) - Analog Devices

ADUCM310 Datasheet PDF - Analog Devices
Part # ADUCM310
Download  ADUCM310 Download
File Size   473.12 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, Tunable Optical Control Microcontroller

ADUCM310 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUCM310 Datasheet PDF - Analog Devices

Part # ADUCM310
Download  ADUCM310 Click to download

File Size   473.12 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, Tunable Optical Control Microcontroller

ADUCM310 Datasheet (HTML) - Analog Devices


ADUCM310 Product details

FEATURES
Analog input/output
22-channel, 14-bit, 800 kSPS analog-to-digital
converter (ADC)
10 external channels
1 on-chip die temperature monitor
6 current output digital-to-analog converter (IDAC)
monitor channels
3 power monitor channels
2 buffered reference output channels
Fully differential and single-ended modes
0 V to 2.5 V analog input range
6 low noise, 12-/14-bit IDAC outputs
1× 250 mA, 1× 200 mA, 2× 100 mA, and 2× 20 mA
Semiconductor optical amplifier (SOA) IDAC pull-down
to −3.0 V for fast current sink
Eight 12-bit voltage output DACs (VDACs)
Channel 0 and Channel 1: 0 V to 3 V, 75 Ω load
Channel 2 and Channel 3: −5 V to 0 V, 500 Ω load
Channel 4 and Channel 5: 0 V to 3 V, 300 Ω load
Channel 6: 0 V to 5 V, 500 Ω load
Channel 7: 0 V to 5 V, 100 Ω load
2.5 V, on-chip voltage reference
2 buffered 2.5 V outputs
Microcontroller
ARM Cortex-M3 processor, 32-bit RISC architecture
Serial wire port supports code download and debugging
Clocking options
Trimmed on-chip oscillator (±3%)
80 MHz phase-locked loop (PLL)
External 16 MHz crystal option
External clock source
Memory
2× 128 kB Flash/EE memories, 32 kB SRAM
In-circuit download, SW-DP-based debugging
Software triggered in-circuit reprogrammability
On-chip peripherals
UART, 2× I2C and 2× SPI serial input/output
28-pin general-purpose input/output (GPIO) port
3 general-purpose timers
Wake-up (W/U) timer
Watchdog timer (WDT)
32-element programmable logic array (PLA)
Vectored interrupt controller
Interrupt on edge or level external pin inputs
9× external interrupts
Power
Multiple supplies
5 V for VDAC6 and VDAC7
3.3 V for digital and analog inputs/outputs
1.8 V to 2.7 V for IDACs
−5 V supply for IDAC3 and VDAC2/VDAC3
Package and temperature range
6 mm × 6 mm, 112-ball CSP_BGA package
Fully specified for −10°C to +85°C ambient operation
Tools
QuickStart™ development system
Full third party support




Similar Part No. - ADUCM310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM310 AD-ADUCM310 Datasheet
547Kb / 28P
Precision Analog Microcontroller, Tunable Optical Control Microcontroller
02-Aug-2017
More results


Similar Description - ADUCM310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC702X AD-ADUC702X Datasheet
840Kb / 80P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
logo
Maxim Integrated Produc...
DS4830_1110 MAXIM-DS4830_1110 Datasheet
1Mb / 29P
Optical Microcontroller
Rev 1; 10/11
logo
Analog Devices
ADUCM360 AD-ADUCM360 Datasheet
431Kb / 21P
Low Power Precision Analog Microcontroller
Rev. Pr R
ADUC7019 AD-ADUC7019_13 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
logo
Maxim Integrated Produc...
DS4830 MAXIM-DS4830_13 Datasheet
1Mb / 30P
Optical Microcontroller
Rev 2; 6/13
logo
Analog Devices
CN-0300 AD-CN-0300 Datasheet
375Kb / 7P
Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADUCM310 AD-ADUCM310 Datasheet
547Kb / 28P
Precision Analog Microcontroller, Tunable Optical Control Microcontroller
02-Aug-2017
ADUCM355 AD-ADUCM355 Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
logo
Maxim Integrated Produc...
DS4830A MAXIM-DS4830A Datasheet
1Mb / 32P
Optical Microcontroller
19-6870; Rev 1; 1/17
logo
Analog Devices
ADUCM356 AD-ADUCM356 Datasheet
2Mb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com