Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 1 Page - Analog Devices

  ADUCM310 Datasheet HTML 1Page - Analog Devices ADUCM310 Datasheet HTML 2Page - Analog Devices ADUCM310 Datasheet HTML 3Page - Analog Devices ADUCM310 Datasheet HTML 4Page - Analog Devices ADUCM310 Datasheet HTML 5Page - Analog Devices ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Precision Analog Microcontroller, Tunable
Optical Control Microcontroller
Data Sheet
ADuCM310
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Analog input/output
22-channel, 14-bit, 800 kSPS analog-to-digital
converter (ADC)
10 external channels
1 on-chip die temperature monitor
6 current output digital-to-analog converter (IDAC)
monitor channels
3 power monitor channels
2 buffered reference output channels
Fully differential and single-ended modes
0 V to 2.5 V analog input range
6 low noise, 12-/14-bit IDAC outputs
1× 250 mA, 1× 200 mA, 2× 100 mA, and 2× 20 mA
Semiconductor optical amplifier (SOA) IDAC pull-down
to −3.0 V for fast current sink
Eight 12-bit voltage output DACs (VDACs)
Channel 0 and Channel 1: 0 V to 3 V, 75 Ω load
Channel 2 and Channel 3: −5 V to 0 V, 500 Ω load
Channel 4 and Channel 5: 0 V to 3 V, 300 Ω load
Channel 6: 0 V to 5 V, 500 Ω load
Channel 7: 0 V to 5 V, 100 Ω load
2.5 V, on-chip voltage reference
2 buffered 2.5 V outputs
Microcontroller
ARM Cortex-M3 processor, 32-bit RISC architecture
Serial wire port supports code download and debugging
Clocking options
Trimmed on-chip oscillator (±3%)
80 MHz phase-locked loop (PLL)
External 16 MHz crystal option
External clock source
Memory
2× 128 kB Flash/EE memories, 32 kB SRAM
In-circuit download, SW-DP-based debugging
Software triggered in-circuit reprogrammability
On-chip peripherals
UART, 2× I2C and 2× SPI serial input/output
28-pin general-purpose input/output (GPIO) port
3 general-purpose timers
Wake-up (W/U) timer
Watchdog timer (WDT)
32-element programmable logic array (PLA)
Vectored interrupt controller
Interrupt on edge or level external pin inputs
9× external interrupts
Power
Multiple supplies
5 V for VDAC6 and VDAC7
3.3 V for digital and analog inputs/outputs
1.8 V to 2.7 V for IDACs
−5 V supply for IDAC3 and VDAC2/VDAC3
Package and temperature range
6 mm × 6 mm, 112-ball CSP_BGA package
Fully specified for −10°C to +85°C ambient operation
Tools
QuickStart™ development system
Full third party support
APPLICATIONS
Optical modules—tunable laser modules
FUNCTIONAL BLOCK DIAGRAM
RESET
IOVDDx
PVDD_IDACx
AVDDx
DGNDx
SWDIO
SWCLK
PGND
ADuCM310
POR
ON-CHIP
1.8V LDO
32.786kHz
16MHz OSC
80MHz PLL
ARM
CORTEX-M3
PROCESSOR
2.5V BAND
GAP VREF
MEMORY
256k FLASH
32k SRAM
DMA
NVIC
PLA
32 × ELEMENTS
GPIO PORTS
UART PORT
2 × SPI PORT
2 × I2C PORT
EXT IRQs
3 × GP TIMER
WD TIMER
W/U TIMER
PWM
SERIAL
WIRE
GENERAL-
PURPOSE
I/O PORTS
IDAC
IDAC
BUF
AIN0
AIN9
VDAC
VDAC0
IDAC0
IDAC5
VDAC
VDAC7
14-BIT
SAR
ADC
INTERNAL CHANNELS,
IDACs, TEMPERATURE,
SUPPLIES
MUX
VREF_1.2
BUF_VREF2.5A
BUF_VREF2.5B
Figure 1.


Similar Part No. - ADUCM310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM310 AD-ADUCM310 Datasheet
547Kb / 28P
Precision Analog Microcontroller, Tunable Optical Control Microcontroller
02-Aug-2017
More results

Similar Description - ADUCM310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC702X AD-ADUC702X Datasheet
840Kb / 80P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
logo
Maxim Integrated Produc...
DS4830_1110 MAXIM-DS4830_1110 Datasheet
1Mb / 29P
Optical Microcontroller
Rev 1; 10/11
logo
Analog Devices
ADUCM360 AD-ADUCM360 Datasheet
431Kb / 21P
Low Power Precision Analog Microcontroller
Rev. Pr R
ADUC7019 AD-ADUC7019_13 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
logo
Maxim Integrated Produc...
DS4830 MAXIM-DS4830_13 Datasheet
1Mb / 30P
Optical Microcontroller
Rev 2; 6/13
logo
Analog Devices
CN-0300 AD-CN-0300 Datasheet
375Kb / 7P
Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADUCM310 AD-ADUCM310 Datasheet
547Kb / 28P
Precision Analog Microcontroller, Tunable Optical Control Microcontroller
02-Aug-2017
ADUCM355 AD-ADUCM355 Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
logo
Maxim Integrated Produc...
DS4830A MAXIM-DS4830A Datasheet
1Mb / 32P
Optical Microcontroller
19-6870; Rev 1; 1/17
logo
Analog Devices
ADUCM356 AD-ADUCM356 Datasheet
2Mb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com