Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADuCM310
Data Sheet
Rev. A Page 10 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
EXTERNAL RESET
External Reset Minimum Pulse
Width1
1.5
µs
Minimum pulse width required on
external RESET pin to trigger a
reset sequence
Reset Pin Glitch Immunity1
50
ns
Maximum low pulse width on RESET
pin that does not generate a reset
TEMPERATURE SENSOR
Accuracy1
1.25
1.37
1.494
V
Indicates die temperature; ADC
measured voltage for temperature
sensor channel without calibration,
T
A = 25°C
FLASH/EE MEMORY
Endurance
10,000
Cycles
Data Retention
20
Years
T
J = 85°C
INTERNAL HIGH POWER OSCILLATOR
16
MHz
Used as input to PLL to generate
80 MHz clock
Accuracy
−2.25
+2.25
%
INTERNAL LOW POWER OSCILLATOR
32.768
kHz
Accuracy
−12
±8
+12
%
LOGIC INPUTS
Input Low Voltage (V
INL)
0.2 × IOV
DD
V
Input High Voltage (V
INH)
0.7 × IOV
DD
V
Short-Circuit Current1
12
mA
LOGIC OUTPUTS
Output High Voltage (V
OH)
10
IOV
DD − 0.4
V
I
SOURCE = 2 mA
Output Low Voltage (V
OL)
10
0.4
V
I
SINK = 2 mA
Short-Circuit Current1
12
mA
INPUT LEAKAGE CURRENT
Logic 1
80
µA
V
INH = 3.6 V
Internal Pull-Up Disabled
−20
+6
+20
nA
Logic 0
80
µA
V
INH = 0 V
Internal Pull-Up Disabled
−20
+6
+20
nA
Pull-Up
30
40
65
kΩ
If not disabled, disabled at reset;
pull-up can be described as an
80 µA (typical) current source
CRYSTAL INPUTS XCLKI AND XCLKO
(16 MHz)
Logic Inputs, XCLKI Only
Input Low Voltage (V
INL)
1.1
V
Input High Voltage (V
INH)
1.7
V
XCLKI Input Capacitance
8
pF
XCLKO Output Capacitance
8
pF
MICROCONTROLLER UNIT CLOCK RATE
Using PLL Output1
0.05
80
MHz
PROCESSOR START-UP TIME
At Power-On1
38
50
ms
Includes kernel power-on
execution time
After Reset Event
1.44
ms
Includes kernel power-on
execution time
After Processor Power Down
Mode 1, Mode 2, or Mode 3
3 to 5
f
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com