Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices ADUCM310 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADuCM310
Data Sheet
Rev. A Page 12 of 27
TIMING SPECIFICATIONS
I2C Timing
Table 2. I2C Timing in Standard Mode (100 kHz)
Slave
Parameter
Description
Min
Typ
Max
Unit
t
L
SCLx low pulse width
4.7
µs
t
H
SCLx high pulse width
4.0
ns
t
SHD
Start condition hold time
4.0
µs
t
DSU
Data setup time
250
ns
t
DHD
Data hold time (SDAx held internally for 300 ns after falling edge of SCLx)
0
3.45
µs
t
RSU
Setup time for repeated start
4.7
µs
t
PSU
Stop condition setup time
4.0
µs
t
BUF
Bus free time between a stop condition and a start condition
4.7
µs
t
R
Rise time for both SCLx and SDAx
1
µs
t
F
Fall time for both SCLx and SDAx
15
300
ns
t
VD;DAT
Data valid time
3.45
µs
t
VD;ACK
Data valid acknowledge time
3.45
µs
Table 3. I2C Timing in Fast Mode (400 kHz)
Slave
Parameter
Description
Min
Typ
Max
Unit
t
L
SCLx low pulse width
1.3
µs
t
H
SCLx high pulse width
0.6
ns
t
SHD
Start condition hold time
0.3
µs
t
DSU
Data setup time
100
ns
t
DHD
Data hold time (SDAx held internally for 300 ns after falling edge of SCLx)
0
µs
t
RSU
Setup time for repeated start
0.6
µs
t
PSU
Stop condition setup time
0. 3
µs
t
BUF
Bus free time between a stop condition and a start condition
1.3
µs
t
R
Rise time for both SCLx and SDAx
20
300
ns
t
F
Fall time for both SCLx and SDAx
15
300
ns
t
VD;DAT
Data valid time
0.9
µs
t
VD;ACK
Data valid acknowledge time
0.9
µs
SDAx (I/O)
tBUF
MSB
LSB
ACK
MSB
1
9
8
2
TO 7
1
SCLx (I)
P
S
S(R)
REPEATED
START
START
CONDITION
STOP
CONDITION
tR
tF
tF
tR
tH
tVD;DAT
tL
tDSU
tDHD
tRSU
tDHD
tDSU
tSHD
tPSU
tVD;ACK
Figure 2. I2C Compatible Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com