Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 24 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices ADUCM310 Datasheet HTML 24Page - Analog Devices ADUCM310 Datasheet HTML 25Page - Analog Devices ADUCM310 Datasheet HTML 26Page - Analog Devices ADUCM310 Datasheet HTML 27Page - Analog Devices ADUCM310 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
ADuCM310
Rev. A Page 23 of 27
15
–35
–30
–25
–20
–15
–10
–5
0
5
10
0
0.5
1.0
1.5
2.0
2.5
3.0
VIN (V)
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
Figure 14. Input Current vs. VIN,VDD= 3.3 V,TA =25°C,Buffered Mode, 100kSPS
250
200
150
100
50
0
37.5
50.0
62.5
75.0
87.5
100.0
112.5
IDAC OUTPUT CURRENT (mA)
+115°C
+85°C
+25°C
–40°C
Figure 15. Typical IDAC0 PVDD_IDAC0 Pin Voltage Headroom vs.
Output Current for Different Temperatures; PVDD = 1.8 V
250
200
150
100
50
0
37.5
50.0
62.5
75.0
87.5
100.0
112.5
IDAC OUTPUT CURRENT (mA)
+115°C
+85°C
+25°C
–40°C
Figure 16. Typical IDAC1 PVDD_IDAC1 Pin Voltage Headroom vs.
Output Current for Different Temperatures; PVDD = 1.8 V
250
200
150
100
50
0
75
100
125
150
175
200
225
IDAC OUTPUT CURRENT (mA)
+115°C
+85°C
+25°C
–40°C
Figure 17. Typical IDAC2 PVDD_IDAC2 Pin Voltage Headroom vs.
Output Current for Different Temperatures; PVDD = 1.8 V
600
400
500
300
200
100
0
100
125
150
175
200
225
250
275
IDAC OUTPUT CURRENT (mA)
+115°C
+85°C
+25°C
–40°C
Figure 18. Typical IDAC3 PVDD_IDAC3 Pin Voltage Headroom vs.
Output Current for Different Temperatures; PVDD = 1.8 V
160
140
120
100
80
60
40
20
0
5
10
15
25
25
IDAC OUTPUT CURRENT (mA)
+115°C
+25°C
–40°C
+85°C
Figure 19. Typical IDAC4 PVDD_IDAC4 Pin Voltage Headroom vs.
Output Current for Different Temperatures; PVDD = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com