Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 23 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 19Page - Analog Devices ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices ADUCM310 Datasheet HTML 24Page - Analog Devices ADUCM310 Datasheet HTML 25Page - Analog Devices ADUCM310 Datasheet HTML 26Page - Analog Devices ADUCM310 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADuCM310
Data Sheet
Rev. A Page 22 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
600
0
100
200
300
400
500
0
100
200
300
400
500
600
700
800
900
1000
LOAD RESISTANCE (Ω)
HEADROOM 25°C
HEADROOM 125°C
Figure 8. Typical Headroom Voltage vs. Load Resistance for VDAC7,
VDACVDD = 3 V; Headroom = VDACVDD − VDAC Output Voltage
700
600
0
100
200
300
400
500
0
100
200
300
400
500
600
700
800
900
1000
LOAD RESISTANCE (Ω)
HEADROOM 25°C
HEADROOM 125°C
Figure 9. Typical Headroom Voltage vs. Load Resistance for VDAC7,
VDACVDD = 5 V; Headroom = VDACVDD − VDAC Output Voltage
1000
700
900
0
100
200
300
400
800
600
500
0
100
200
300
400
500
600
700
800
900
1000
LOAD RESISTANCE (Ω)
HEADROOM 125°C
HEADROOM 25°C
Figure 10. Typical Headroom Voltage vs. Load Resistance for VDAC2,
AVNEG = −5 V; Headroom = AVNEG − VDAC Output Voltage
450
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
600
700
800
900
1000
LOAD RESISTANCE (Ω)
HEADROOM 25°C
HEADROOM 125°C
Figure 11. Typical Headroom Voltage vs. Load Resistance for VDAC0,
AVDD = 3 V; Headroom = AVDD − VDAC Output Voltage
600
500
400
300
200
100
0
0
200
400
600
800
1000
1200
LOAD RESISTANCE (Ω)
HEADROOM 25°C
HEADROOM 125°C
Figure 12. Typical Headroom Voltage vs. Load Resistance for VDAC4,
AVDD = 3 V; Headroom = AVDD − VDAC Output Voltage
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
0
0.5
1.0
1.5
2.0
2.5
3.0
VIN (V)
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
Figure 13. Input Current vs. VIN,VDD= 3.3 V,TA =25°C,Unbuffered Mode, 100kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com