Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 3Page - Analog Devices ADUCM310 Datasheet HTML 4Page - Analog Devices ADUCM310 Datasheet HTML 5Page - Analog Devices ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADuCM310
Data Sheet
Rev. A Page 6 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BUFFERED VREF OUTPUTS
(BUF_VREF2.5x PINS)
Output Voltage
2.5
V
Accuracy
±5
mV
T
A = 25°C, load = 0.4 mA
Reference Temperature Coefficient1
15
30
ppm/°C
100 nF capacitor required on both
outputs
Load Regulation
2.5
mV/mA
Output Impedance
3
Ω
T
A = 25°C
Load Current
1.2
mA
Power Supply Rejection Ratio
70
dB
IDAC CHANNEL SPECIFICATIONS5, 6
Voltage Compliance Range1
Output voltage compliance;
minimum compliance if IDACx set to
full scale, see Figure 15 to Figure 20
IDAC0, IDAC1, and IDAC2
0.4
PV
DD −
200 mV
PV
DD –
275 mV
V
IDAC4 and IDAC5
0.4
PV
DD –
200 mV
V
IDAC3
0.5
PV
DD −
450 mV
V
−3.7
−3.0
V
At −3.5 V, maximum sink current is
80 mA; pin voltage clamped to
−3.5 V, tolerance of clamping
voltage is ±200 mV
Reference Current Generator
Reference Current
0.38
mA
Using internal reference, 0.1%,
≤5 ppm, 3.16 kΩ external resistor
IDAC Reference Current Shutdown
Threshold
0.76
mA
If the external resistor (R
EXT) value
drops below 1.580 kΩ, IDAC output
currents disable
Temperature Coefficient1, 4
7
25
ppm/°C
Using internal reference;
Over Heat Shutdown
135
°C
Junction temperature
Resolution
IDAC0, IDAC1, IDAC4,and IDAC5
14
Bits
11-bit MSBs and 5-bit LSBs are
guaranteed monotonic
IDAC2
14
Bits
11-bit MSBs and 5-bit LSBs are
guaranteed monotonic
IDAC3
14
Bits
0 V to 2 V compliant range, 11-bit
MSBs and 5-bit LSBs are guaranteed
monotonic
IDAC3
8
Bits
−4.5 V to 0 V compliant range
Full-Scale Output
IDAC0 and IDAC1
100
mA
IDAC4 and IDAC5
20
mA
IDAC2
200
mA
IDAC3
250
mA
Current source
−80
Current sink
Integral Nonlinearity
−2.5
±1.5
+4
LSB
11-bit
Noise Current
RMS noise; maximum bandwidth
setting, IDACxCON[5:2] = 0000b
IDAC0 and IDAC1
1.5
µA
Measured driving 10 Ω
IDAC4 and IDAC5
0.3
µA
Measured driving 100 Ω
IDAC2
4
µA
Measured driving 5 Ω
IDAC3
5
µA
Measured driving 5 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com