Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 12 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
ADuCM310
Rev. A Page 11 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
Power Supply Voltage Range
AV
DD
2.9
3.3
3.6
V
Measured between AVDDx and
AGND
IOV
DD
2.9
3.3
3.6
V
Measured between IOVDDxand
AGND
Analog Power Supply Currents
AV
DD Current
6.5
7.2
mA
ADC, VDACs, IDACs off
Digital Power Supply Current
Current in Normal Mode
DV
DD
29
32
mA
CLKCON1[2:0] = [000b]
IOV
DD
2.7
3.1
mA
All GPIO pull-ups enabled
Additional Power Supply Currents
ADC1
3.1
3.6
mA
ADC continuously converting at
100 kSPS
ADC Input Buffer1
4.1
4.8
mA
Both buffers enabled
IDAC1
26.5
30
mA
DAC1
2.7
3.1
mA
Total for all VDACs driving
maximum allowed load with
DACxDAT = 0
VDAC2 and VDAC31
−1.7
mA
I
DD when VDAC2 and VDAC3 are
driving maximum allowed load
with DACxDAT set to 0
VDAC6 and VDAC71
1
mA
I
DD sourced from the VDACVDD
supply when VDAC6 and VDAC7
are driving the maximum allowed
load with DACxDAT set to 0
1 These numbers are not production tested but are guaranteed by design and/or characterization data at production release.
2 The input current is the total input current including the input pad and mux leakage plus the charge current for the full input circuit. The input current relates to the
ADC sampling frequency.
3 The internal reference calibration and trimming are performed when the processor operates in normal mode with CD = 0, when ADC is enabled and converting, when
IDACs are all on, and when VDACs are on. VREF accuracy can vary under other operating conditions.
4 Measured using the following box method:
(
)
(
)
(
)
6
1
2.5
×
−
×
−
Minimum
e
Temperatur
Maximum
e
Temperatur
e
Temperatur
Any
at
Minimum
V
e
Temperatur
Any
at
Maximum
V
REF
REF
5 VDAC linearity specifications are calculated with following ranges:
VDAC0 and VDAC1 = +150 mV to +2.699 V
VDAC2 and VDAC3: −150 mV to −4.22 V
VDAC4 and VDAC5: +150 mV to +2.98 V
VDAC6: +150 mV to +4.747 V
VDAC7: +150 mV to +4.297 V
6 Analog Devices, Inc., production IDAC full-scale trimming conditions include PVDD_IDACx pin voltage = 0.7 V, all IDACs on.
7 The long-term stability specifications is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period.
8 For all VDAC specifications for VDAC0, VDAC1, VDAC4, and VDAC5, DACxCON[10:9] = 11.
9 VDACx minimum and maximum limits apply to the internal reference only (DACxCON[1:0] = 00
b). AVDDx supply valid only with typical specifications.
10 The average current from the GPIO pins must not exceed 3 mA per pin. See Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com