Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
ADuCM310
Rev. A Page 9 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Gain Error Drift
Excluding internal reference drift
VDAC0, VDAC1, VDAC4, and
VDAC5
5
ppm/°C
VDAC2, VDAC3, VDAC6, and
VDAC7
10
ppm/°C
Output Impedance
VDAC0, VDAC1, VDAC4,
VDAC5, VDAC6, and VDAC7
1
Ω
VDAC2 and VDAC3
1.5
Ω
Short-Circuit Current
Measured with VDAC shorted to
ground and to associated power
supply
VDAC0 and VDAC1
±200
mA
VDAC2 and VDAC3
±170
mA
VDAC4 and VDAC5
±200
mA
VDAC6 and VDAC7
±200
mA
VDAC Outputs
Capacitive load up to 0.01 µF
Output Impedance
VDAC0, VDAC1, and VDAC4
to VDAC7
1.8
Ω
VDAC2 and VDAC3
1.2
Ω
Output Range
Buffer on
VDAC0 and VDAC1
0.15
AV
DD –
600 mV
V
R
L = 75 Ω, 40 mA maximum, VOUT
maximum = 3 V
VDAC2 and VDAC3
AV
NEG +
250 mV
−0.15
V
R
L = 500 Ω, 10 mA maximum, VOUT
maximum = −5 V, gain = −2.25 V
VDAC4 and VDAC5
0.15
AV
DD –
300 mV
V
R
L = 300 Ω, 10 mA maximum, VOUT
maximum = 3 V
VDAC6
0.15
VDACV
DD −
250 mV
V
R
L = 500 Ω, 10 mA maximum, VOUT
maximum = 5 V
VDAC7
0.15
VDACV
DD −
700 mV
V
R
L = 100 Ω, 50 mA maximum, VOUT
maximum = 5 V
DAC AC CHARACTERISTICS
Slew Rate
VDAC0, VDAC1, VDAC4, and
VDAC5
3
V/µs
VDAC2, VDAC3, and VDAC6
1.1
V/µs
Voltage Output Settling Time
10
µs
Load =100 pF
0.05
ms
Load = 0.01 µF
Digital-to-Analog Glitch Energy
20
nV/sec
1 LSB change at major carry
(DACxDAT register change from
0x07FF0000 to 0x08000000)
AC PSRR 100 Hz
VDAC0, VDAC1, VDAC4, and
VDAC5
72
dB
VDAC2 and VDAC3
67
dB
VDAC6 and VDAC7
64
dB
AC PSRR 1 kHz
VDAC0, VDAC1, VDAC4, and
VDAC5
56
dB
VDAC2 and VDAC3
53
dB
VDAC6 and VDAC7
50
dB
POWER-ON RESET (POR)
Refers to voltage at DVDD pin
POR Trip Level
2.81
2.85
2.9
V
Power-on level
2.74
2.79
2.83
V
Power-down level
POR Hysteresis
65
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com