Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM310 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 2Page - Analog Devices ADUCM310 Datasheet HTML 3Page - Analog Devices ADUCM310 Datasheet HTML 4Page - Analog Devices ADUCM310 Datasheet HTML 5Page - Analog Devices ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices ADUCM310 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADuCM310
Rev. A Page 5 of 27
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Total Harmonic Distortion (THD)
Input Buffer
Disabled
−86
dB
Enabled
−86
dB
Chop mode on and automatic zero
Peak Harmonic or Spurious Noise
−88
dB
Buffer on and off
Channel-to-Channel Crosstalk
−95
dB
Measured on adjacent channels; f
IN =
25 kHz sine wave; buffer on and off
ANALOG INPUT
Absolute Input Voltage Range
Unbuffered Mode
AGND
AV
DD
V
Voltage level on AINx pin
Buffered Mode
AGND + 0.15
2.5
V
Voltage level on AINx pin
Input Voltage Ranges
Differential Mode
−V
REF
+V
REF
V
Voltage difference between AIN+
(positive input) and AIN− (negative
input)
Common-Mode Voltage Range
0.9
1.6
V
Single-Ended Mode
AGND
V
REF
V
Voltage difference between AIN+
and AIN−
Input Current2
Buffered Mode
V
IN = 0.15 V to 2.5 V
AIN0, AIN1, AIN2, and AIN3
−101
±5
+12.51
nA
ADC sampling rate ≤ 100 kSPS
−40
±15
+60
nA
ADC sampling rate ≤ 500 kSPS
−601
±25
+901
nA
ADC sampling rate ≤ 800 kSPS
Input Current Drift
±10
pA/°C
Input buffer on, ADC sampling rate ≤
500 kSPS
±20
pA/°C
Input buffer on, ADC sampling rate ≤
800 kSPS
AIN4 to AIN9
−501
±20
+501
nA
AIN4 to AIN9 ≤ 100 kSPS
−2101
±50
+1101
nA
ADC sampling rate ≤ 500 kSPS
−3501
−90
+901
nA
ADC sampling rate ≤ 800 kSPS
Unbuffered Mode
−11001
+750
+17001
nA
V
IN = 0 V to 2.5 V, all channels, all
sampling rates
Input Current Drift
±140
pA/°C
V
IN = 1 V
Input Capacitance
20
pF
During ADC acquisition, buffer on
Input Leakage Current
−1.61
+1
+3.51
nA
ADC off, buffer off or buffer on,
AINx connected 2.5 V
ON-CHIP VOLTAGE REFERENCE
0.47 µF from VREF_1.2 to AGND
Output Voltage
2.505
V
Accuracy3
±5
mV
T
A = 25°C
Reference Temperature Coefficient1, 4
15
30
ppm/°C
Power Supply Rejection Ratio
70
dB
Output Impedance
3
Ω
For ADC_CAPP, T
A = 25°C
Internal V
REF Power-On Time
1
38
50
ms
Turned on by default
EXTERNAL REFERENCE INPUT1
Input Voltage Range1
1.8
2.5
V
ADC maximum reference voltage =
2.5 V
Switching Time
External to Internal Reference
2.5
ms
Internal to External Reference
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com