Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet (PDF) - STMicroelectronics

ST72C171 Datasheet PDF - STMicroelectronics
Part # ST72C171
Download  ST72C171 Download
File Size   1384.33 Kbytes
Page   152 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP

ST72C171 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST72C171 Datasheet PDF - STMicroelectronics

Part # ST72C171
Download  ST72C171 Click to download

File Size   1384.33 Kbytes
Page   152 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP

ST72C171 Datasheet (HTML) - STMicroelectronics


ST72C171 Product details

INTRODUCTION
The ST72C171 is a member of the ST7 family of Microcontrollers. All devices are based on a common industry-standard 8-bit core, featuring an enhanced instruction set.
The ST72C171 features single-voltage FLASH memory with byte-by-byte In-Situ Programming (ISP) capability.

■ Memories
    – 8K of single voltage Flash Program memory with read-out protection
    – In-Situ Programming (Remote ISP)
■ Clock, Reset and Supply Management
    – Enhanced Reset System
    – Low voltage supervisor (LVD) with 3 programmable levels
    – Low consumption resonator or RC oscillators (internal or external) and by-pass for external clock source, with safe control capabilities
    – 3 Power Saving modes
■ 22 I/O Ports
    – 22 multifunctional bidirectional I/O lines:
    – 16 interrupt inputs on 2 independent lines
    – 8 lines configurable as analog inputs
    – 20 alternate functions
    – EMI filtering
■ 2 Timers and Watchdog
    – One 16-bit Timer with: 2 Input Captures, 2 Output Compares, external Clock input, PWM and Pulse Generator modes
    – One 8-bit Autoreload Timer (ART) with: 2 PWM output channels (internally connectable to the SPGA inputs), 1 Input Capture, external clock input
    – Configurable watchdog (WDG)
■ 2 Communications Interfaces
    – Synchronous Serial Peripheral Interface (SPI)
    – Serial Communications Interface (SCI)
■ 3 Analog peripherals
    – 2 Software Programmable Gain Operational Amplifiers (SPGAs) with rail-to-rail input and output, VDD independent (band gap) and programmable reference voltage (1/8 VDD resolution), Offset compensation, DAC & on/off switching capability
    – 1 rail-to-rail input and output Op-Amp
    – 8-bit A/D Converter with up to 11 channels (including 3 internal channels connected to the Op-Amp & SPGA outputs)
■ Instruction Set
    – 8-bit data manipulation
    – 63 basic Instructions
    – 17 main addressing modes
    – 8 x 8 unsigned multiply instruction
    – True bit manipulation
■ Development Tools
    – Full hardware/software development package




Similar Part No. - ST72C171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72C104 STMICROELECTRONICS-ST72C104 Datasheet
66Kb / 4P
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
ST72C104 STMICROELECTRONICS-ST72C104 Datasheet
111Kb / 4P
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
ST72C104G1 STMICROELECTRONICS-ST72C104G1 Datasheet
909Kb / 135P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
Rev. 2.2
ST72C104G1 STMICROELECTRONICS-ST72C104G1 Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
ST72C104G1B1 STMICROELECTRONICS-ST72C104G1B1 Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
More results


Similar Description - ST72C171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.8
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.9
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.6
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Sep-1999
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST7232A_0512 STMICROELECTRONICS-ST7232A_0512 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Dec-2005
ST72F32AJ2T6 STMICROELECTRONICS-ST72F32AJ2T6 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com