Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 4 Page - STMicroelectronics

  ST72C171 Datasheet HTML 1Page - STMicroelectronics ST72C171 Datasheet HTML 2Page - STMicroelectronics ST72C171 Datasheet HTML 3Page - STMicroelectronics ST72C171 Datasheet HTML 4Page - STMicroelectronics ST72C171 Datasheet HTML 5Page - STMicroelectronics ST72C171 Datasheet HTML 6Page - STMicroelectronics ST72C171 Datasheet HTML 7Page - STMicroelectronics ST72C171 Datasheet HTML 8Page - STMicroelectronics ST72C171 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 152 page
background image
ST72C171
4/152
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST72C171 is a member of the ST7 family of
Microcontrollers. All devices are based on a com-
mon industry-standard 8-bit core, featuring an en-
hanced instruction set.
The ST72C171 features single-voltage FLASH
memory with byte-by-byte In-Situ Programming
(ISP) capability.
Under software control, the device can be placed
in WAIT, SLOW, or HALT mode, reducing power
consumption when the application is in idle or
standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication
and indirect addressing
modes The device includes a low consumption
and fast start on-chip oscillator, CPU, Flash pro-
gram memory, RAM, 22 I/O lines and the following
on-chip peripherals: Analog-to-Digital converter
(ADC) with 8 multiplexed analog inputs, Op-Amp
module, synchronous SPI serial interface, asyn-
cronous serial interface (SCI), Watchdog timer, a
16-bit Timer featuring external Clock Input, Pulse
Generator capabilities, 2 Input Captures and 2
Output Compares, an 8-bit Timer featuring exter-
nal Clock Input, Pulse Generator Capabilities (2
channels), Autoreload and Input Capture.
The Op-Amp module adds on-chip analog fea-
tures to the MCU, that usually require using exter-
nal components.
Figure 1. ST72C171 Block Diagram
OSCIN
OSCOUT
RESET
16-BIT TIMER
8-BIT ADC
PORT B
WATCHDOG
Internal
CLOCK
CONTROL
256b-RAM
PA[7:0]
VSS
VDD
POWER
SUPPLY
8K FLASH
PORT A
PWM/ART TIMER
SPI
PB[7:0]
LVD
SCI
MULTIOSC
+
CLOCK FILTER
OP-AMP
VSSA
VDDA
8-BIT CORE
ALU
PORT C
PC[5:0]
OA1OUT
OA2OUT
MEMORY
OA3OUT*
*only on 34-pin devices
OA3PIN*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com