Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 15Page - STMicroelectronics ST72C171 Datasheet HTML 16Page - STMicroelectronics ST72C171 Datasheet HTML 17Page - STMicroelectronics ST72C171 Datasheet HTML 18Page - STMicroelectronics ST72C171 Datasheet HTML 19Page - STMicroelectronics ST72C171 Datasheet HTML 20Page - STMicroelectronics ST72C171 Datasheet HTML 21Page - STMicroelectronics ST72C171 Datasheet HTML 22Page - STMicroelectronics ST72C171 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 152 page
background image
ST72C171
19/152
4.2.4.1 Multi-Oscillator (MO)
The Multi-Oscillator (MO) block is the main clock
supplier of the ST7. To insure an optimum integra-
tion in the application, it is based on an external
clock source and six different selectable oscilla-
tors.
The main clock of the ST7 can be generated by 8
different sources comming from the MO block:
s
an External source
s
4 Crystal or Ceramic resonator oscillators
s
1 External RC oscillators
s
1 Internal High Frequency RC oscillator
Each oscillator is optimized for a given frequency
range in term of consumption and is selectable
through the Option Byte.
External Clock Source
The default Option Byte value selects the External
Clock in the MO block. In this mode, a clock signal
(square, sinus or triangle) with ~50% duty cycle
has to drive the OSCin pin while the OSCout pin is
tied to ground (see Figure 13).
Figure 13. MO External Clock
Crystal/Ceramic Oscillators
This family of oscillators allows a high accuracy on
the main clock of the ST7. The selection within the
list of 4 oscillators has to be done by Option Byte
according to the resonator frequency in order to
reduce the consumption. In this mode of the MO
block, the resonator and the load capacitors have
to be connected as shown in Figure 14 and have
to be mounted as close as possible to the oscilla-
tor pins in order to minimize output distortion and
start-up stabilization time.
These oscillators, when selected via the Option
Byte, are not stopped during the RESET phase to
avoid losing time in the oscillator starting phase.
Figure 14. MO Crystal/Ceramic Resonator
OSCin
OSCout
EXTERNAL
ST7
SOURCE
OSCin
OSCout
LOAD
CAPACITORS
ST7
CL1
CL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com