Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 39Page - STMicroelectronics ST72C171 Datasheet HTML 40Page - STMicroelectronics ST72C171 Datasheet HTML 41Page - STMicroelectronics ST72C171 Datasheet HTML 42Page - STMicroelectronics ST72C171 Datasheet HTML 43Page - STMicroelectronics ST72C171 Datasheet HTML 44Page - STMicroelectronics ST72C171 Datasheet HTML 45Page - STMicroelectronics ST72C171 Datasheet HTML 46Page - STMicroelectronics ST72C171 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 152 page
background image
ST72C171
43/152
7.3.9 Register Description
OA1 CONTROL REGISTER (OA1CR)
Read/Write
Reset value: 0000 00000 (00h)
Bit 7 = AZ1
OA1 Autozero Mode.
This bit is set and reset by hardware. It enables
Autozero mode (used to measure the OA1 input
offset).
0: Autozero mode disabled
1: Autozero mode enabled
Bit 6:4 = G1[2:0]
Gain Control.
These bits are set and reset by software and con-
trol the OA1 gain by modifying the resistive loop-
back network. The value of the gain is adjusted to
the desired value (for inverting / non-inverting am-
plification) corresponding to the selected positive
input source - see PS1[1:0] table, Gain Adjust col-
umn.
Bit 3:2 = PS1[1:0]
Positive Input Select / Gain ad-
just
.
These bits are set and reset by software and con-
trol the OA1 positive input selection.
Bit 1:0 = NS1[1:0]
Negative Input Select.
These bits are set and reset by software and con-
trol the OA1 positive input selection.
OA2 CONTROL REGISTER (OA2CR)
Read/Write
Reset value: 0000 0000 (00h)
Bit 7 = AZ2
OA2 Autozero Mode.
This bit is set and reset by hardware. It enables
Autozero mode (used to measure the OA2 input
offset).
0: Autozero mode disabled
1: Autozero mode enabled
Bit 6:4 = G2[2:0]
Gain Control.
These bits are set and reset by software and con-
trol the OA2 gain by modifying the resistive loop-
back network. The value of the gain is adjusted to
the desired value (for inverting/noninverting ampli-
fication) corresponding to the selected positive in-
put source - see PS2[1:0] table, Gain Adjust col-
umn.
70
AZ1
G12
G11
G10
PS11
PS10
NS11
NS10
Gain
inv / Ninv
G12
G11
G10
-1 / 2
0
0
0
-2 / 3
0
0
1
-3 / 4
0
1
0
-4 / 5
0
1
1
-8 / 8
1
0
0
-16 / 16
1
0
1
Comparator
External Loopback
11
1
OA1 Positive Input
Gain
Adj.
PS11 PS10
8-step Ref.Voltage 1
inv
0
0
OA1PIN
ninv
0
1
Band Gap Ref. Voltage (1.2V)
inv
1
0
OA1 Negative Input
NS11
NS10
AGND
0
0
Floating - Repeater mode
0
1
OA1NIN
1
X
70
AZ2
G22
G21
G20
PS21
PS20
NS21
NS20
Gain
inv / Ninv
G22
G21
G20
-1 / 2
0
0
0
-2 / 3
0
0
1
-3 / 4
0
1
0
-4 / 5
0
1
1
-8 / 8
1
0
0
-16 / 16
1
0
1
Comparator
External Loopback
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com