Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 42Page - STMicroelectronics ST72C171 Datasheet HTML 43Page - STMicroelectronics ST72C171 Datasheet HTML 44Page - STMicroelectronics ST72C171 Datasheet HTML 45Page - STMicroelectronics ST72C171 Datasheet HTML 46Page - STMicroelectronics ST72C171 Datasheet HTML 47Page - STMicroelectronics ST72C171 Datasheet HTML 48Page - STMicroelectronics ST72C171 Datasheet HTML 49Page - STMicroelectronics ST72C171 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 152 page
background image
ST72C171
46/152
OP-AMP MODULE (Cont’d)
VOLTAGE REFERENCE CONTROL REGISTER
(OAVRCR)
Read/Write
Reset value: 0000 0000 (00h)
Bit 7 = VR2E:
VR2 Enable
This bit is set and reset by software. When the ref-
ererence voltage is selected (PS2[1:0] = 00 in the
OA2CR register) it connects VSSA (analog ground)
or Reference Voltage 2 (VR2) to the OA2 positive
input.
0: OA2 positive input is connected to VSSA
1: OA2 positive input is connected to VR2 voltage
value
Bit 6:4 = VR2[2:0]
Voltage selection for channel 2
of the 8-step reference voltage
These bits are set and reset by software, they
specify the Reference Voltage 2 (VR2) connected
to the OA2 positive input when PS2[1:0] = 00 in
the OA2CR register
..
Bit 3= VR1E
VR1 Enable
This bit is set and reset by software. When the ref-
ererence voltage is selected (PS1[1:0] = 00 in the
OA1CR register) it connects VSSA (analog ground)
or Reference Voltage 1 (VR1) to the OA1 positive
input.
0: OA1 positive input is connected to VSSA
1: OA1 positive input is connected to VR1 voltage
value
Bit 2:0 - VR1[2:0]
Voltage selection for channel 1
of the 8-step reference voltage
These bits are set and reset by software, they
specify the Reference Voltage 1 (VR1) connected
to the OA1 positive input when PS1[1:0] = 00 in
the OA1CR register
.
Note: When both VR2E and VR1E are reset, the
8-step voltage reference cell is disabled and en-
ters low power mode.
70
VR2E
VR22
VR21
VR20
VR1E
VR12
VR11
VR10
Reference
Voltage 2
VR2E
VR22
VR21
VR20
0 (VSSA)0
x
x
x
VDDA/8
100
0
2 x VDDA/8
100
1
3 x VDDA/8
101
0
4 x VDDA/8
101
1
5 x VDDA/8
110
0
6 x VDDA/8
110
1
7 x VDDA/8
111
0
VDDA
111
1
Reference
Voltage 1
VR1E
VR12
VR11
VR10
0 (VSSA)
0
xxx
VDDA/8
10
00
2 x VDDA/8
10
01
3 x VDDA/8
10
10
4 x VDDA/8
10
11
5 x VDDA/8
11
00
6 x VDDA/8
11
01
7 x VDDA/8
1
1
1
VDDA
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com