Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 35Page - STMicroelectronics ST72C171 Datasheet HTML 36Page - STMicroelectronics ST72C171 Datasheet HTML 37Page - STMicroelectronics ST72C171 Datasheet HTML 38Page - STMicroelectronics ST72C171 Datasheet HTML 39Page - STMicroelectronics ST72C171 Datasheet HTML 40Page - STMicroelectronics ST72C171 Datasheet HTML 41Page - STMicroelectronics ST72C171 Datasheet HTML 42Page - STMicroelectronics ST72C171 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
ST72C171
39/152
OP-AMP MODULE (Cont’d)
Figure 27. Op-Amp Module Block Diagram
OA1NIN
OA1
R=2K
15R /16R
R
AVCL=1, 2, 4, 8, 16, ∞
R=2K
OA1V
(1.2V)
OA1O
OA1PIN
To ADC Channel 8
NS1[2:0] bits
AZ1 bit
G1[2:0] bits
VR1E, PS1[1:0] bits
VR1[2:0] bits
x VDDA/8
OA1
Interrupt
OA1IE bit
bit
8-Step Reference
Voltage 1
Band Gap
Reference
Voltage
OA2NIN
OA2
R=2K
15R /16R
R
AVCL=1, 2, 4, 8, 16, ∞
R=2K
OA2V
(1.2V)
VSSA
OA2O
OA2PIN
To ADC Channel 9
NS2[2:0] bits
AZ2 bit
G2[2:0] bits
VR2E, PS2[1:0] bits
VR2[2:0] bits
x VDDA/8
OA2
Interrupt
OA2IE bit
bit
8-Step Reference
Voltage 2
Band Gap
Reference
Voltage
OA3
OA3O
OA3NIN
To ADC Channel 10
OA3PIN
Note: OA3 is not present on some package types. Refer to the device pin description.
VSSA
ART Timer
PWM0R
Output
ART Timer
PWM1R
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com