Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 16Page - STMicroelectronics ST72C171 Datasheet HTML 17Page - STMicroelectronics ST72C171 Datasheet HTML 18Page - STMicroelectronics ST72C171 Datasheet HTML 19Page - STMicroelectronics ST72C171 Datasheet HTML 20Page - STMicroelectronics ST72C171 Datasheet HTML 21Page - STMicroelectronics ST72C171 Datasheet HTML 22Page - STMicroelectronics ST72C171 Datasheet HTML 23Page - STMicroelectronics ST72C171 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 152 page
background image
ST72C171
20/152
MULTIOSCILLATOR (MO) (Cont’d)
External RC Oscillator
This oscillator allows a low cost solution on the
main clock of the ST7 using only an external resis-
tor and an external capacitor (see Figure 15). The
selection of the external RC oscillator has to be
done by Option Byte.
The frequency of the external RC oscillator is fixed
by the resistor and the capacitor values:
The previous formula shows that in this MO mode,
the accuracy of the clock is directly linked to the
accuracy of the discrete components.
Figure 15. MO External RC
Internal RC Oscillator
The Internal RC oscillator mode is based on the
same principle as the External RC one including
the an on-chip resistor and capacitor. This mode is
the most cost effective one with the drawback of a
lower frequency accuracy. Its frequency is in the
range of several MHz.
In this mode, the two oscillator pins have to be tied
to ground as shown in Figure 16.
The selection of the internal RC oscillator has to
be done by Option Byte.
Figure 16. MO Internal RC
fOSC ~
N
REX . CEX
OSCin
OSCout
ST7
CEX
REX
OSCin
OSCout
ST7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com