Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 2Page - STMicroelectronics ST72C171 Datasheet HTML 3Page - STMicroelectronics ST72C171 Datasheet HTML 4Page - STMicroelectronics ST72C171 Datasheet HTML 5Page - STMicroelectronics ST72C171 Datasheet HTML 6Page - STMicroelectronics ST72C171 Datasheet HTML 7Page - STMicroelectronics ST72C171 Datasheet HTML 8Page - STMicroelectronics ST72C171 Datasheet HTML 9Page - STMicroelectronics ST72C171 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
ST72C171
6/152
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations:
Type:
I = input, O = output, S = supply
In/Output level: C = CMOS 0.3VDD/0.7VDD,
CR = CMOS Levels with resistive output (1K)
A = Analog levels
Output level:
HS = high sink (on N-buffer only),
Port configuration capabilities:
– Input:float = floating, wpu = weak pull-up, int = interrupt, ana = analog
– Output: OD = open drain, T = true open drain, PP = push-pull
Note: the Reset configuration of each pin is shown in bold.
Table 1. Device Pin Description
Pin
n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
1
1
OA2OUT
O
A
OA2 output
22
PC1/OA2PIN/
PWM1R
I/O
C
C/CR X
X
X
X
X
Port C1
OA2 noninverting input and/or
ART PWM1 resistive output
3
3
PC0/OA2NIN
I/O C/A
C
X
X
X
X
X
Port C0
OA2 inverting input
-
4
OA3PIN
I
A
OA3 noninverting input
4
5
PB7/TDO
I/O
C
X
ei1
X
X
Port B7
SCI transmit
5
6
PB6/RDI
I/O
C
X
ei1
X
X
Port B6
SCI receive
6
7
PB5/MISO/ISPDATA I/O
C
X
ei1
X
X
Port B5
SPI data master in/slave out or
In Situ Programming Data In-
put
7
8
PB4/MOSI
I/O
C
HS
X
ei1
X
X
Port B4
SPI data master out/slave in
8
9
PB3/SCK/ISPCLK
I/O
C
HS
X
ei1
X
X
Port B3
SPI Clock or In Situ Program-
ming Clock Output
910PB2/SS
I/O
C
HS
X
ei1
X
X
Port B2
SPI Slave Select (active low)
10 11 PB1/ARTCLK
I/O
C
HS
X
ei1
X
X
Port B1
ART External Clock
11 12 PB0/EXTCLK
I/O
C
HS
X
ei1
X
X
Port B0
Timer16 External Clock
12 13 VDD
S
Digital Main Supply Voltage
13 14 VSS
S
Digital ground voltage
14 15 OSC2
Resonator oscillator inverter output or capaci-
tor input for RC oscillator
15 16 OSC1
External clock input or Resonator oscillator in-
verter input or resistor input for RC oscillator
16 17 ISPSEL
I
C
In Situ Programming Mode Select
Must be tied to VSS in user mode
17 18 RESET
I/O
C
X
X
External Reset
18 19 PA0/AIN0
I/O
C
X
ei0
X
X
X
Port A0
ADC input 0
19 20 PA1/AIN1/ICAP2
I/O
C
X
ei0
X
X
X
Port A1
ADC input 1 orTimer16 input
capture 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com