Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 32Page - STMicroelectronics ST72C171 Datasheet HTML 33Page - STMicroelectronics ST72C171 Datasheet HTML 34Page - STMicroelectronics ST72C171 Datasheet HTML 35Page - STMicroelectronics ST72C171 Datasheet HTML 36Page - STMicroelectronics ST72C171 Datasheet HTML 37Page - STMicroelectronics ST72C171 Datasheet HTML 38Page - STMicroelectronics ST72C171 Datasheet HTML 39Page - STMicroelectronics ST72C171 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 152 page
background image
ST72C171
36/152
7.2 MISCELLANEOUS REGISTERS
7.2.1 Miscellaneous Register 1 (MISCR1)
Miscellaneous register 1 is used select SLOW op-
erating mode. Bits 3, 4, 6, and 7 determine the po-
larity of external interrupt requests.
Register Address: 0020h
—
Read /Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = PEI[3:2]
Polarity Options of External In-
terrupt ei1. (Port B).
These bits are set and cleared by software. These
bits determine which event causes the external in-
terrupt (ei1) on port B according to Table 8.
Table 8. ei1 Ext. Int. Polarity Options
Bit 5 = MCO
Main clock out selection
This bit enables the MCO alternate function on the
I/O port. It is set and cleared by software.
0: MCO alternate function disabled
(I/O pin free for general-purpose I/O)
1: MCO alternate function enabled
(fOSC/2 on I/O port)
This bit is set and cleared by software. When set it
can be used to output the internal clock to the ded-
icated I/O port.
Bit 4:3 = PEI[1:0]
Polarity Options of External In-
terrupt ei0. (Port A)
These bits determine which event causes the ex-
ternal interrupt (ei0) on port A according to Table
9.
Table 9. ei0 Ext. Int. Polarity Options
Bit 2:1 = CP[1:0]
CPU clock prescaler
These bits are set and cleared by software. They
determine the CPU clock when the SMS bit is set
according to the following table.
Table 10. fCPU Value in Slow Mode
Bit 0 = SMS
Slow Mode Select
This bit is set and cleared by software.
0: Normal Mode - fCPU = fOSC/ 2
1: Slow Mode - the fCPU value is determined by the
PC[1:0] bits.
70
PEI3
PEI2
MCO PEI1 PEI0 CP1
CP0
SMS
MODE
PEI3
PEI2
Falling edge and low level
(Reset state)
00
Rising edge only
0
1
Falling edge only
1
0
Rising and falling edge
1
1
MODE
PEI1
PEI0
Falling edge and low level
(Reset state)
00
Rising edge only
0
1
Falling edge only
1
0
Rising and falling edge
1
1
fCPU Value
CP1
CP0
fOSC / 4
0
0
fOSC / 8
1
0
fOSC / 16
0
1
fOSC / 32
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com