Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72C171 Datasheet HTML 1Page - STMicroelectronics ST72C171 Datasheet HTML 2Page - STMicroelectronics ST72C171 Datasheet HTML 3Page - STMicroelectronics ST72C171 Datasheet HTML 4Page - STMicroelectronics ST72C171 Datasheet HTML 5Page - STMicroelectronics ST72C171 Datasheet HTML 6Page - STMicroelectronics ST72C171 Datasheet HTML 7Page - STMicroelectronics ST72C171 Datasheet HTML 8Page - STMicroelectronics ST72C171 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
Rev. 1.4
October 2000
1/152
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
ST72C171
8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS
SPGAs (Software Programmable Gain Amplifiers), OP-AMP
PRODUCT PREVIEW
s
Memories
– 8K of single voltage Flash Program memory
with read-out protection
– In-Situ Programming (Remote ISP)
s
Clock, Reset and Supply Management
– Enhanced Reset System
– Low voltage supervisor (LVD) with 3 program-
mable levels
– Low consumption resonator or RC oscillators
(internal or external) and by-pass for external
clock source, with safe control capabilities
– 3 Power Saving modes
s
22 I/O Ports
– 22 multifunctional bidirectional I/O lines:
– 16 interrupt inputs on 2 independent lines
– 8 lines configurable as analog inputs
– 20 alternate functions
–EMI filtering
s
2 Timers and Watchdog
– One 16-bit Timer with: 2 Input Captures, 2
Output Compares, external Clock input, PWM
and Pulse Generator modes
– One 8-bit Autoreload Timer (ART) with: 2
PWM output channels (internally connectable
to the SPGA inputs), 1 Input Capture, external
clock input
– Configurable watchdog (WDG)
s
2 Communications Interfaces
– Synchronous Serial Peripheral Interface (SPI)
– Serial Communications Interface (SCI)
s
3 Analog peripherals
– 2 Software Programmable Gain Operational
Amplifiers (SPGAs) with rail-to-rail input and
output, VDD independent (band gap) and pro-
grammable reference voltage (1/8 VDD reso-
lution), Offset compensation, DAC & on/off
switching capability
– 1 rail-to-rail input and output Op-Amp
– 8-bit A/D Converter with up to 11 channels (in-
cluding 3 internal channels connected to the
Op-Amp & SPGA outputs)
s
Instruction Set
– 8-bit data manipulation
– 63 basic Instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
s
Development Tools
– Full hardware/software development package
Device Summary
SO34
PSDIP32
Features
ST72C171K2M
ST72C171K2B
Flash - bytes
8K Single Voltage
RAM (stack) - bytes
256 (128)
Peripherals
2 SPGAs, 1 Op-Amp,
Watchdog, 3 Timers, SPI, SCI, ADC (11 chan.)
2 SPGAs,
Watchdog, 3 Timers, SPI, SCI, ADC (11 chan.)
Operating Supply
3.2 V to 5.5 V
CPU Frequency
Up to 8 MHz (with up to 16 MHz oscillator)
Temperature Range
- 40°C to + 85°C
Package
SO34
PSDIP32
1


Similar Part No. - ST72C171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72C104 STMICROELECTRONICS-ST72C104 Datasheet
66Kb / 4P
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
ST72C104 STMICROELECTRONICS-ST72C104 Datasheet
111Kb / 4P
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
ST72C104G1 STMICROELECTRONICS-ST72C104G1 Datasheet
909Kb / 135P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
Rev. 2.2
ST72C104G1 STMICROELECTRONICS-ST72C104G1 Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
ST72C104G1B1 STMICROELECTRONICS-ST72C104G1B1 Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
More results

Similar Description - ST72C171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.8
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.9
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.6
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Sep-1999
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST7232A_0512 STMICROELECTRONICS-ST7232A_0512 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Dec-2005
ST72F32AJ2T6 STMICROELECTRONICS-ST72F32AJ2T6 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com