Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 37Page - STMicroelectronics ST72C171 Datasheet HTML 38Page - STMicroelectronics ST72C171 Datasheet HTML 39Page - STMicroelectronics ST72C171 Datasheet HTML 40Page - STMicroelectronics ST72C171 Datasheet HTML 41Page - STMicroelectronics ST72C171 Datasheet HTML 42Page - STMicroelectronics ST72C171 Datasheet HTML 43Page - STMicroelectronics ST72C171 Datasheet HTML 44Page - STMicroelectronics ST72C171 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
ST72C171
41/152
OP-AMP MODULE (Cont’d)
7.3.6 DAC Function using ART Timer PWMR
Outputs
The PWMR outputs are connected to a serial re-
sistor and internally connected to the OA1PIN/
OA2PIN inputs. An external capacitor must be
connected
to
the
PWM0R/OA1PIN
and/or
PWM1R/OA2PIN pins (see Figure 28) if the
PWMR outputs are used.
This feature allows the microcontroller to be used
as a Digital to Analog converter and generating a
DC voltage on the positive input pin, so the SPGAs
may be used for the following functions:
– A comparator
– An amplifier of an external voltage connected to
the negative input pin (OA1NIN or OA2NIN).
– A repeater, to obtain the same voltage on the OA
output pin as on the input pin, with increased cur-
rent capability.
Figure 28. Connection of PWMR outputs to OA1 or OA2 for DAC Function
0.7K (typ)
Cext
Rint
PWM/ART TIMER
OA2
OPAMP MODULE
OA1
0.7K (max)
Cext
Rint
PWM1
PWM0R/OA1PIN
PWM1R/OA2PIN
MISC2 REGISTER
P1OSP0OS
OE1 OE0
PWMCR REGISTER
PWM0
P1OS
OE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com