Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 6Page - STMicroelectronics ST72C171 Datasheet HTML 7Page - STMicroelectronics ST72C171 Datasheet HTML 8Page - STMicroelectronics ST72C171 Datasheet HTML 9Page - STMicroelectronics ST72C171 Datasheet HTML 10Page - STMicroelectronics ST72C171 Datasheet HTML 11Page - STMicroelectronics ST72C171 Datasheet HTML 12Page - STMicroelectronics ST72C171 Datasheet HTML 13Page - STMicroelectronics ST72C171 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
ST72C171
10/152
0041h to
004Fh
Reserved Area (15 Bytes)
0050h
0051h
0052h
0053h
0054h
SCI
SCISR
SCIDR
SCIBRR
SCICR1
SCICR2
Status Register
Data Register
Baud Rate Register
Control Register 1
Control Register 2
0C0h
0xxh
0Xxh
0xxh
00h
Read Only
R/W
R/W
R/W
R/W
0055h to
006Fh
Reserved Area (27 Bytes)
0070h
0071h
ADC
ADCDR
ADCCSR
Data Register
Control/Status Register
00h
00h
Read Only
R/W
0072h
0073h
Reserved Area (2 Bytes)
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
ART/PWM
PWMDCR1
PWMDCR0
PWMCR
ARTCSR
ARTCAR
ARTARR
ARTICCSR
ARTICR1
PWM Duty Cycle Register 1
PWM Duty Cycle Register 0
PWM Control Register
Control/Status Register
Counter Access Register
Auto Reload Register
Input Capture Control Status Register
Input Capture Register 1
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read Only
007Ch to
007Fh
Reserved Area (4 Bytes)
Address
Block
Name
Register
Label
Register name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com