Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 18Page - STMicroelectronics ST72C171 Datasheet HTML 19Page - STMicroelectronics ST72C171 Datasheet HTML 20Page - STMicroelectronics ST72C171 Datasheet HTML 21Page - STMicroelectronics ST72C171 Datasheet HTML 22Page - STMicroelectronics ST72C171 Datasheet HTML 23Page - STMicroelectronics ST72C171 Datasheet HTML 24Page - STMicroelectronics ST72C171 Datasheet HTML 25Page - STMicroelectronics ST72C171 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
ST72C171
22/152
4.3.5 Main Clock Controller (MCC)
The MCC block supplies the clock for the ST7
CPU and its internal peripherals. It allows the pow-
er saving modes such as SLOW mode to be man-
aged by the application.
All functions are managed by the Miscellaneous
Register 1 (MISCR1).
The MCC block consists of:
– a programmable CPU clock prescaler
– a clock-out signal to supply external devices
The prescaler allows the selection of the main
clock frequency and is controlled with three bits of
the MISCR1: CP1, CP0 and SMS.
The clock-out capability is an Alternate Function of
an I/O port pin, providing the fCPU clock as an out-
put for driving external devices. It is controlled by
the MCO bit in the MISCR1 register.
Figure 18. Main Clock Controller (MCC) Block Diagram
DIV 2, 4, 8, 16
DIV 2
SMS
CP1 CP0
CPU CLOCK
MISCR1
TO CPU AND
PERIPHERALS
fOSC
MCO
PORT
FUNCTION
ALTERNATE
OSCOUT
OSCIN
MULTI-
OSCILLATOR
(MO)
CLOCK
FILTER
(CF)
MCO
fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com