Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 33Page - STMicroelectronics ST72C171 Datasheet HTML 34Page - STMicroelectronics ST72C171 Datasheet HTML 35Page - STMicroelectronics ST72C171 Datasheet HTML 36Page - STMicroelectronics ST72C171 Datasheet HTML 37Page - STMicroelectronics ST72C171 Datasheet HTML 38Page - STMicroelectronics ST72C171 Datasheet HTML 39Page - STMicroelectronics ST72C171 Datasheet HTML 40Page - STMicroelectronics ST72C171 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 152 page
background image
ST72C171
37/152
7.2.2 Miscellaneous Register 2 (MISCR2)
Miscellaneous register 2 is used to configure of
SPI and the output selection of the PWMs.
Register Address: 0040h
—
Read /Write
Reset Value: 0000 0000 (00h)
Bit 7:5 = not used
Bit 4 = SPIOD
SPI output disable
This bit is used to disable the SPI output on the I/O
port (in both master or slave mode).
0: SPI output enabled
1: SPI output disabled
(I/O pin free for general-purpose I/O)
Bit 3 = P1OS
PWM1 output select
This bit is used to select the output for the PWM1
channel of the ART/PWM Timer.
0: PWM1 output on PWM1 pin
1: PWM1 output on PWM1R pin and connected to
the OA2PIN pin
Note: In order to use the PC1 port pin as a PWM
output pin, bit 1 of port C must be programmed as
floating input. This should be done prior to setting
the P1OS bit.
Bit 2 = P0OS
PWM0 output select
This bit is used to select the output for the PWM0
channel of ART/PWM Timer.
0: PWM0 output on PWM0 pin
1: PWM0 output on PWM0R pin and connected to
the OA1PIN pin
Note: In order to use the PC2 port pin as a PWM
output pin, bit 2 of port C must be programmed as
floating input. This should be done prior to setting
the P0OS bit.
Bit 1 = SSM
SS mode selection
It is set and cleared by software.
0: Normal mode - SS uses information coming
from the SS pin of the SPI.
1: I/O mode, the SPI uses the information stored
into bit SSI.
Bit 0 = SSI
SS internal mode
This bit replaces pin SS of the SPI when bit SSM is
set to 1. (see SPI description). It is set and cleared
by software.
70
-
-
-
SPIOD P1OS P0OS SSM
SSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com