Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 13Page - STMicroelectronics ST72C171 Datasheet HTML 14Page - STMicroelectronics ST72C171 Datasheet HTML 15Page - STMicroelectronics ST72C171 Datasheet HTML 16Page - STMicroelectronics ST72C171 Datasheet HTML 17Page - STMicroelectronics ST72C171 Datasheet HTML 18Page - STMicroelectronics ST72C171 Datasheet HTML 19Page - STMicroelectronics ST72C171 Datasheet HTML 20Page - STMicroelectronics ST72C171 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 152 page
background image
ST72C171
17/152
4.2.1 Reset Sequence Manager (RSM)
The RSM block of the CROSS Module includes
three RESET sources as shown in Figure 10:
s
EXTERNAL RESET SOURCE pulse
s
Internal LVD RESET (Low Voltage Detection)
s
Internal WATCHDOG RESET
These sources act on the RESET PIN and it is al-
ways kept low during the READ OPTION RESET
phase.
The RESET service routine vector is fixed at the
FFFEh-FFFFh addresses in the ST7 memory
map.
Figure 10. Reset Block Diagram
The basic RESET sequence consists of 4 phases
as shown in Figure 11:
s
OPTION BYTE reading to configure the device
s
Delay depending on the RESET source
s
4096 cpu clock cycle delay
s
RESET vector fetch
The duration of the OPTION BYTE reading phase
(tROB) is defined in the Electrical Characteristics
section. This first phase is initiated by an external
RESET pin pulse detection, a Watchdog RESET
detection, or when VDD rises up to VLVDopt.
The 4096 cpu clock cycle delay allows the oscilla-
tor to stabilise and to ensure that recovery has tak-
en place from the Reset state.
The RESET vector fetch phase duration is 2 clock
cycles.
Figure 11. RESET Sequence Phases
fCPU
RESET
RON
VDD
WATCHDOG RESET
LVD RESET
INTERNAL
RESET
READ OPTION RESET
RESET
READ
OPTION BYTE
INTERNAL RESET
4096 CLOCK CYCLES
FETCH
VECTOR
DELAY
tROB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com