Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72C171 Datasheet HTML 1Page - STMicroelectronics ST72C171 Datasheet HTML 2Page - STMicroelectronics ST72C171 Datasheet HTML 3Page - STMicroelectronics ST72C171 Datasheet HTML 4Page - STMicroelectronics ST72C171 Datasheet HTML 5Page - STMicroelectronics ST72C171 Datasheet HTML 6Page - STMicroelectronics ST72C171 Datasheet HTML 7Page - STMicroelectronics ST72C171 Datasheet HTML 8Page - STMicroelectronics ST72C171 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 152 page
background image
ST72C171
5/152
1.2 PIN DESCRIPTION
Figure 2. 34-Pin SO Package Pinout
Figure 3. 32-Pin SDIP Package Pinout
PC2 / OA1PIN / PWM0R
PC3 / OA1NIN
OA1OUT
PC4 / MCO/ OA3NIN
VDDA
VSSA
OA3OUT
PC5/ PWM0
PA7 / AIN7 / PWM1
PA6 / AIN6 / ARTICP0
PA5 / AIN5
PA4 / AIN4 / OCMP1
PA3 / AIN3 / OCMP2
PA2 / AIN2 / ICAP1
PA1 / AIN1 / ICAP2
PA0 / AIN0
RESET
21
22
23
24
25
26
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OA2OUT
PWM1R / OA2PIN / PC1
OA2NIN / PC0
OA3PIN
TDO / PB7
RDI / PB6
ISPDATA / MISO / PB5
MOSI /
(HS) PB4
ISPCLK / SCK /
(HS) PB3
SS /
(HS) PB2
ARTCLK /
(HS) PB1
EXTCLK /
(HS) PB0
VDD
VSS
OSC2
OSC1
ISPSEL
15
16
17
20
19
18
ei1
ei0
(HS) 20mA high sink capability
OA2OUT
PWM1R / OA2PIN / PC1
OA2NIN / PC0
TDO / PB7
RDI / PB6
ISPDATA / MISO / PB5
MOSI /
(HS) PB4
ISPCLK / SCK/
(HS) PB3
SS /
(HS) PB2
ARTCLK /
(HS) PB1
EXTCLK /
(HS) PB0
VDD
VSS
OSC2
OSC1
ISPSEL
PC2 / OA1PIN / PWM0R
PC3 / OA1NIN
OA1OUT
PC4 / MCO
VDDA
VSSA
PC5 / PWM0
PA7 / AIN7 / PWM1
PA6 / AIN6 /ARTICP0
PA5 / AIN5
PA4 / AIN4 / OCMP1
PA3 / AIN3 / OCMP2
PA2 / AIN2 / ICAP1
PA1 / AIN1 / ICAP2
PA0 / AIN0
RESET
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
ei1
ei0
(HS) 20mA high sink capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com