Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet (PDF) - STMicroelectronics

STLC5412 Datasheet PDF - STMicroelectronics
Part # STLC5412
Download  STLC5412 Download
File Size   655.22 Kbytes
Page   74 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE

STLC5412 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC5412 Datasheet PDF - STMicroelectronics

Part # STLC5412
Download  STLC5412 Click to download

File Size   655.22 Kbytes
Page   74 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE

STLC5412 Datasheet (HTML) - STMicroelectronics


STLC5412 Product details

GENERAL DESCRIPTION
STLC5412 is a complete monolithic transceiver for ISDN Basic access data transmission on twisted pair subscriber loops typical of public switched telephone networks. The device is fully compatible with ETSI ETRO80 and CSE (C32-11) French specifications.

GENERAL FEATURES
■ SINGLECHIP 2B1QLINECODETRANSCEIVER
■ SUITABLE FOR ISDN, PAIR GAIN AND DECT APPLICATIONS
■ MEETS OR EXCEEDS ETSI EUROPEAN STANDARD
■ SINGLE 5V SUPPLY
■ DIP28 AND PLCC44 PACKAGE
■ HCMOS3A SGS-THOMSON ADVANCED 1.2µm DOUBLE-METAL CMOS PROCESS
■ ROUND TRIP DELAY MEASUREMENT
■ EXTENDED TEMPERATURE RANGE (-40°C TO +70°C)

TRANSMISSION FEATURES
■ 160 KBIT/S FULL DUPLEX TRANSCEIVER
■ 2B1Q LINE CODING WITH SCRAMBLER/DESCRAMBLER
■ SUPPORTS BRIDGE TAPS, SPLICES AND MIXED GAUGES
■ >70DB ADAPTIVE ECHO-CANCELLATION
■ ON CHIP HYBRID CIRCUIT
■ DECISION FEEDBACK EQUALIZATION
■ ON CHIP ANALOG VCO SYSTEM
■ DIRECT CONNECTION TO SMALL LINE TRANSFORMER

SYSTEM FEATURES
■ ACTIVATION/DEACTIVATION CONTROLLER
■ ON CHIP CRC CALCULATION AND VERIFICATION INCLUDING TWO PROGRAMMABLE BLOCK ERROR COUNTERS
■ EOC CHANNEL AND OVERHEAD-BITS TRANSMISSION WITH AUTOMATIC MESSAGE CHECKING
■ GCI AND µW/DSI MODULE INTERFACES COMPATIBLE
■ DIGITAL LOOPBACKS
■ COMPLETE (2B+D) ANALOG LOOPBACK IN LT
■ ELASTIC DATA BUFFERS AND BACKPLANE CLOCK DE-JITTERIZER
■ AUTOMODE NT1 AND REPEATER
■ ”U ACTIVATION ONLY” IN NT1
■ IDENTIFICATION CODE AS PER GCI STANDARD
■ DECT FRAME SYNCHRONIZATION
■ EASILY INTERFACEABLE WITH ST5451 (HDLC & GCI CONTROLLER), STLC5464 / STLC5465 AND ANY OTHER GCI, IDL or TDM COMPATIBLE DEVICES




Similar Part No. - STLC5412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5411 STMICROELECTRONICS-STLC5411 Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
STLC5411FN STMICROELECTRONICS-STLC5411FN Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
STLC5411P STMICROELECTRONICS-STLC5411P Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
More results


Similar Description - STLC5412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5411 STMICROELECTRONICS-STLC5411 Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
logo
Agere Systems
T7264 AGERE-T7264 Datasheet
876Kb / 54P
T7264 U-Interface 2B1Q Transceiver
April 1998
logo
Rhombus Industries Inc.
T-13211G RHOMBUS-IND-T-13211G Datasheet
26Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13222G RHOMBUS-IND-T-13222G Datasheet
26Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13210 RHOMBUS-IND-T-13210 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13214 RHOMBUS-IND-T-13214 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13219 RHOMBUS-IND-T-13219 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13221 RHOMBUS-IND-T-13221 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13222 RHOMBUS-IND-T-13222 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13230 RHOMBUS-IND-T-13230 Datasheet
93Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com