Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 5Page - STMicroelectronics STLC5412 Datasheet HTML 6Page - STMicroelectronics STLC5412 Datasheet HTML 7Page - STMicroelectronics STLC5412 Datasheet HTML 8Page - STMicroelectronics STLC5412 Datasheet HTML 9Page - STMicroelectronics STLC5412 Datasheet HTML 10Page - STMicroelectronics STLC5412 Datasheet HTML 11Page - STMicroelectronics STLC5412 Datasheet HTML 12Page - STMicroelectronics STLC5412 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
PIN FUNCTIONS (specific GCI mode)
Pin
Name
In/Out
Description
22
RFS
In
Remote febe select:
When tied to 0 the remote febe is not transferred. When tied to 1 febe is
transparently reported. See figure 10.
SFSx
In Out
Tx Super frame synchronization. In LT mode this pin is an input giving the Tx
Super Frame Synchronization if SFS = 0 in CR2. It becomes an output if SFS
= 1 with ISW free running on the line. In NT mode this pin is always an output
giving the Tx Super Frame position. If DECT mode is selected (DECT = 1 in
CR7) this pin provide the DECT synchronization pulse at each validated
reception of the DECT eoc message.
25
AIS
In
Analog interface select for all auto mode configurations
SFSr
Out
Rx Super frame synchronization. The rising edge of SFSr indicates the
beginning of the received superframe on the line. UID provides this output
only when ESFR bit in CR4 register is to 1 and LT/NT12 or NT/TE
configuration is done.
LSD
Out
Line Signal Detect output (default configuration): This pin is an open drain
output which is normally in the high impedance state but pulls low when the
device previously in the power down state receives a wake-up by Tone from
the line. This signal is intended to be used to wake-up a micro-controller
from a low power idle mode. The LSD output goes back in the high
impedance state when the device is powered up.
26
RES
In
Reset input pin with internal pull-up resistor. When pulled low, all registers
of the UID are reset to their default values. UID is configured according to
configuration inputs bias excluding MW input which must be maintained at
the 0 volt. minimum recommended pulse length is 200
µs.
27
M0
In
Configuration input pin. When pulled low, GCI channel assigner is selected
(channel number defined by inputs S0, S1, S2). When pulled high, UID is
configured by pins CONF1 and CONF2.
MULTIPLE FUNCTION PIN DESCRIPTION
Pin 6: FSa
Function or In/Out conditions
Function
In/Ou t
MW(pin) = 1
CMS(cr1) = 1
FSa
Out
CMS(cr1) = 0
FSa
In
MW(pin) = 0
MO(pin) = 1
CONF2(pin) = 1
FSa
Out
CONF2(pin) = 0
CONF1(pin) = 1
FSa
In
CONF1(pin) = 0
FSa
Out
MO(pin) = 0
FSa
In
STLC5412
9/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com