Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC5412 Datasheet HTML 1Page - STMicroelectronics STLC5412 Datasheet HTML 2Page - STMicroelectronics STLC5412 Datasheet HTML 3Page - STMicroelectronics STLC5412 Datasheet HTML 4Page - STMicroelectronics STLC5412 Datasheet HTML 5Page - STMicroelectronics STLC5412 Datasheet HTML 6Page - STMicroelectronics STLC5412 Datasheet HTML 7Page - STMicroelectronics STLC5412 Datasheet HTML 8Page - STMicroelectronics STLC5412 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
GENERAL DESCRIPTION
STLC5412 is a complete monolithic transceiver
for ISDN Basic access data transmission on
twisted pair subscriber loops typical of public
switched telephone networks. The device is fully
compatible with ETSI ETRO80 and CSE (C32-11)
French specifications.
The equivalent of 160 kbit/s full-duplex transmis-
sion on a single twisted pair is provided, accord-
ing to the formats defined in the a.m. spec.
Frames include two B channels, each of 64 kbit/s,
one D channel of 16 kbit/s plus an additional 4
kbit/s M channel for loop maintenance and other
user functions. 12 kbit/s bandwidth is reserved for
framing. 2B1Q Line coding is used, where pairs of
bits are coded into one of 4 quantum levels. This
technique results in a low frequency spectrum
(160 kbit/s turn into 80 kbaud), thereby reducing
both line attenuation and crosstalk and achieving
long range with low Bit Error Rates.
STLC5412 is designed to operate with Bit Error
Rate near-end Crosstalk (NEXT) as specified in
european ETSI recommendation.
To meet these very demanding specifications, the
device includes two Digital Signal Processors,
one configured as an adaptive Echo-Canceller to
cancel the near end echoes resulting from the
transmit/receive hybrid interface, the other as an
adaptive line equalizer. A Digital Phase-Locked
Loop (DPLL) timing recovery circuit is also in-
cluded that provides in NT modes a 15.36 MHz
synchronized clock to the system. Scrambling
and descrambling are performed as specified in
the specifications.
On the system side, STLC5412 can be linked to
two bus configuration simply by pin MW bias.
MICROWIRE(
µW/DSI) mode (MWpin = 5V): 144
kbit/s 2B+D basic access data is transferred on a
multiplex Digital System Interface with 4 different
interface formats (see fig. 2 and 3) providing
maximum flexibility with a limited pin count
(BCLK, Bx, Br, FSa, FSb). Three pre-defined
2B+D formats plus an internal time slot assigner
allows direct connection of the UID to the most
common multiplexed digital interfaces (TDM/IDL).
Bit and Frame Synchronisation signals are inputs
or outputs depending on the configuration se-
lected. Data buffers allow any phase between the
line and the digital interface. That permits building
of slave-slave configurations e.g. in NT12 trunk-
cards.
It is possible to separate the D from the B chan-
nels and to transfer it on a separate digital inter-
face (Dx, Dr) using the same bit and frame clocks
as for the B channels or in a continuous mode us-
ing an internally generated 16 kHz bit clock output
(DCLK).
All the Control, Status and Interrupt registers are
handled via a control channel on a separate serial
interface MICROWIRE compatible (CI, CO, CS,
CCLK, INT) supported by a number of microcon-
troller including the MCU families from SGS-
THOMSON
GCI mode (MWpin = 0V). Control/maintenance
channels are multiplexed with 2B+D basic access
data in a GCI compatible interface format (see fig.
4a) requiring only 4 pins (BCLK, Bx, Br, FSa). On
chip GCI channel assignement allows to multiplex
on the same bus up to 8 GCI channels, each sup-
porting data and controls of one device. Bit and
Frame Synchronisation signals can be inputs or
ouputs depending on the configuration selected.
Data buffers, again, allow to have any phase be-
tween the line interface and the digital interface.
Through the M channel and its protocol allowing
to check both direction exchanges, internal regis-
ters can be configured, the EOC channel and the
Overhead-bits can be monitored. Associated to
the M channel, there are A and E channels for
enabling the exchanged messages and to check
the flow control. The C/I channel allows the primi-
tive exchanges following the standard protocol.
In both mode (
µW and GCI) CRC is calculated
and checked in both directions internally.
In LT mode, the transmit superframe can be syn-
chronized by an external signal (SFSx) or be self
running. In NT mode, the SFSx is always output
synchronized by the transmit superframe.
Line side or Digital Interface side loopbacks can
be selected for each B1, B2 or D channel inde-
pendently without restriction in transparent or in
non-transparent mode. A transparent complete
analog loopback allowing the test of the transmis-
sion path is also selectable.
Activation and deactivation procedures, which are
automatically processed by UID, require only the
exchange of simple commands as Activation Re-
quest, Deactivation Request, Activation Indica-
tion. Cold and Warm start up procedures are op-
erated
automatically
without
any
special
instruction.
Four programmable I/Os are provided in GCI for
external device control.
STLC5412
5/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com