Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 37Page - STMicroelectronics STLC5412 Datasheet HTML 38Page - STMicroelectronics STLC5412 Datasheet HTML 39Page - STMicroelectronics STLC5412 Datasheet HTML 40Page - STMicroelectronics STLC5412 Datasheet HTML 41Page - STMicroelectronics STLC5412 Datasheet HTML 42Page - STMicroelectronics STLC5412 Datasheet HTML 43Page - STMicroelectronics STLC5412 Datasheet HTML 44Page - STMicroelectronics STLC5412 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
in a known deactivated state, e.g. in an LT after a
DI status indication has been reported. In GCI, C/I
indication DI is sent twice on Br output before UID
powers down.
0110 (UAR): U-interface-only Activation Request
Being in Power Up and deactivated , UAR com-
mand forces UID through the appropriate se-
quence to activate the loop without activating the
S/T interface. SL2/SL3 signal is sent with uoa bit
set to zero. With the line already active, UAR
command forces bit uoa equal zero: this is in-
tended to deactivate the S/T interface.
0111 (QM): Quiet Mode
This command has the same effect as in NT
mode.
1000 (AR): Activation Request
Being Power Up and deactivated, AR instruction
forces UID through the appropriate sequence to
activate the line by sending TL followed by SL1.
SL2/SL3 signal is sent with uoa bit equal one.
Beeing in the U-only-active states, AR command
forces the uoa bit equal 1 to the line. AR is in-
tended to activate the S/T interface.
1010 (ARL): Activation Request with Loopback
ARL test command forces UID through the appro-
priate sequence to activate with the complete
transmit data stream looped-back to the receiver.
When this loop-back is disabled by DR command,
UID is ready to operate a warm start if a new ARL
command is issued.
1011 (SP3): Send Single Pulse +3, -3
SP3 test command forces UID to
send +3, -3
pulses to the line, one pulse per frame.
1100 (AI): Activation Indicate
AI is an optional command recognized only when
BP2 bit in CR2 register is set equal one or LT-
RR-AUTO mode is selected. Being in the super-
frame-synchronized state with act bit received
from the line equal one, AI command allows UID
to send act bit equal one to the line.
1111 (DI): Deactivation Indicate
The DI command allows the UID to automatically
enter the power down state if the line is deacti-
vated. DI command has no effect as long as the
line is not deactivated (DI status indication re-
ported).
LT mode: Status indication
0001 (EIU): Error Indication Interface U
It can be a ”loss of signal”, a ”loss of sync.” or an
expiry of 15s timer. EIU is also the answer to the
RES comand.
After sending EIU, the UID is always ready for a
cold start.
0100 (EI): Error Indication
EI status indication reports that act bit has been
detected equal zero.
0110 (UAI): U interface Activation Indication
UAI reports that the line is superframe synchro-
nized.
1000 (AP): Activation Pending
Being in one of the deactivated states, AP reports
that a wake up tone has been detected from the
line. Beeing in the U-only-activated state, AP re-
ports that sai bit has been detected equal one
from the line. It is intended to reflect an activation
attempt at the S/T interface.
1100 (AI): Activation Indication
AI reports that UID is superframe synchronized
with act bit received equal one. TE side of the
loop relative to the UID is active
1111 (DI): Deactivation Indication
DI reports that UID has entered the deactivated
state (J1).
B1, B2 AND D CHANNELS TRANSPARENCY
UID is able to control automatically transparency of
B1, B2 and D channels. Nevertheless, when ETC
bit in CR2 register is set equal 1, transparency is
forced as soon as the line is synchronized.
It is also possible to control each data channel B1,
B2, D enabling at the DSI/GCI interface inde-
pendently by means of bits EB1, EB2 and ED in
CR4 register. Set to 1, B1, B2 or D channel on the
DSI/GCI interface are enabled. In this case, out of
the transparency state (s), ones are forced on the
relevant time slot of the DSI/GCI, and ones or zeros
are transmitted on the line conforming recommen-
dations. Set equal 0, relevant time slot on DSI/GCI
is always in high impedance state and ones or ze-
ros are transmitted on the line. In this last case, as
soon as transparency is enabled, ones are trans-
mitted to the line.
When RDT test command is applied, transpar-
ency on 2B+D is forced. This intend to permit the
user, if required, to send a random sequence of
bits to the line. Please note that the on-chip
scrambler normally ensures
transmission of
equiprobable levels to the line, even if logical one
only is provided to the DSI/GCI system interface.
INTERNAL REGISTERS DESCRIPTION.
Here
following
a
detailed
description
of
STLC5412 internal registers.
Internal registers can be accessed:
a) In GCI mode, according to the Monitor channel
exchange rules. For RXACT and TXACT also
through C/I channel.
b) in
µW/DSI mode, using the MICROWIRE inter-
face according to the rules described in section
”
µW control interface”.
Tables 8 and 10 gives the list of all STLC5412 in-
ternal registers.
Registers are grouped by types and address ar-
eas:
STLC5412
41/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com