Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 30Page - STMicroelectronics STLC5412 Datasheet HTML 31Page - STMicroelectronics STLC5412 Datasheet HTML 32Page - STMicroelectronics STLC5412 Datasheet HTML 33Page - STMicroelectronics STLC5412 Datasheet HTML 34Page - STMicroelectronics STLC5412 Datasheet HTML 35Page - STMicroelectronics STLC5412 Datasheet HTML 36Page - STMicroelectronics STLC5412 Datasheet HTML 37Page - STMicroelectronics STLC5412 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
IDENTIFICATION CODE (GCI)
The identification register is implemented at the
two addresses 80 H and 90 H. All accesses at ad-
dresses 8x H will generate a read back interrupt
containing the addresses 80 H. Accesses at 9x H
performs exactly the same thing that the 8X regis-
ter except the interrupt will be at address 90 H.
Response will be according to the rule herebelow:
identification request: 1 0 0 Y X X X X X X X X X X X X
identification response: 1 0 0 Y CCCC T T D D DD D D
with: - C = circuit revision
- T = devi cet ype(U = 00)
- D = device level identifying the manufacturer (001000 for
SGS-THOMSON Microelectronics)
-Y = don’t care
In particular for 1.0 version the identification re-
sponse is:
1 0 0Y 000 0
0 000100 0
For 1.1 version the identification response is:
1 0 0Y 010 1
0 000100 0
GENERAL PURPOSE I/Os (GCI)
When GCI non-auto mode is selected, (NT or LT),
four programmable I/Os (IO1, IO2, IO3, IO4) are
provided and associated with CR5 register. Each
I/O is internalIy pulled-up with a 250k
Ω resistor.
Input or output can be selected for each pin inde-
pendently from the others by means of bits IO1,
IO2, IO3, IO4 in CR5. D1, D2, D3, D4 bits give
the logical value of the I/O pins respectively.
When a status change occurs on one of the input
pins, CR5 is sent on the monitor channel of the
GCI interface.
When GCI auto-mode is selected, two inputs
(ES1, ES2) and one output (EC) are provided in
NT1-AUTO and NT-RRAUTO configurations only.
ES1 and ES2 inputs drive the logical values of
ps1 and ps2 bits in the M4 channel on the line
while EC ouput normally high is driven low using
the eoc message ”operate 2B+D loopback. This
intends to provide power supply testing command
occuring simultaneously with the loopback com-
mand.
Table 5: EOC message processing: local actions.
NT1-AUTO: (eoc address 000 or 111)
Message
Code
Local action
Operate 2B+D loopback
0101 0000
Send ARL code on C/I channel to operate Loopback 2 in SID-GCI.
Forces EC output low
Operate B1channel Loopback
0101 0001
Performs transparent loopback on B1 channel identical to LB1
command in CR3
Operate B2 channel Loopback
0101 0010
Performs transparent loopback on B2 channel identical to LB2
command in CR3
Request Corrupted CRC
0101 0011
Performs corruption of the transmit CRC identical to CTC
command in CR4.
Notify of Corrupted CRC
0101 0100
No action taken. Send back to the Network unable to comply message.
Return to Normal
1111 1111
All outstanding EOC operations are reset.
Hold state
0000 0000
All outstanding EOC operations maintained in their present state
Unable to comply
1010 1010
Sent by UID to indicate that the message is not in its menu
NT-RR-AUTO: (eoc address 001 or 111)
Message
Code
Local action
Operate 2B+D loopback
0101 0000
Send ARL code on C/I channel to operate Loopback 1A in UID
configured in LT-RR-AUTO. Forces EC output low.
Operate B1channel Loopback
0101 0001
Performs transparent loopback on B1 channel identical to LB1
command in CR3
Operate B2 channel Loopback
0101 0010
Performs transparent loopback on B2 channel identical to LB2
command in CR3
Request Corrupted CRC
0101 0011
Performs corruption of the transmit CRC identical to CTC
command in CR4.
Notify of Corrupted CRC
0101 0100
No action taken. Send back to the Network unable to comply message.
Return to Normal
1111 1111
All outstanding EOC operations are reset.
Hold state
0000 0000
All outstanding EOC operations maintained in their present state
Unable to comply
1010 1010
Sent by UID to indicate that the message is not in its menu
STLC5412
34/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com