Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 2Page - STMicroelectronics STLC5412 Datasheet HTML 3Page - STMicroelectronics STLC5412 Datasheet HTML 4Page - STMicroelectronics STLC5412 Datasheet HTML 5Page - STMicroelectronics STLC5412 Datasheet HTML 6Page - STMicroelectronics STLC5412 Datasheet HTML 7Page - STMicroelectronics STLC5412 Datasheet HTML 8Page - STMicroelectronics STLC5412 Datasheet HTML 9Page - STMicroelectronics STLC5412 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
PIN FUNCTIONS (no Specific Microwire / GCI Mode)
Note: all pin number are referred to Plastic DIP28 package.
Pin
Name
In/Out
Description
1, 4
LO+, LO-
Out, Out
Transmit 2B1Q signal differential outputs to the line transformer. When
used with an appropriate 1:1.5 step-up transformer and the proper line
interface circuit the line signal conforms to the output specifications in ANSI
standard with a nominal pulse amplitude of 2.5 Volts.
2, 3
LI+, LI-
In, In
Receive 2B1Q signal differential inputs from the line transformer.
5, 8
VCCA, VCCD
In, In
Positive power supply input for the analog and digital sections, which must
be +5 Volts +/-5% and must be directly connected together.
24, 9
23
GNDA,GNDD1
GNDD2
In, In
In
Negative power supply pins, which must be connected together close to
the device.
All digital and analog signals are referred to these pins, which are normally
at the system Ground.
10
TSR
Out
(LT configuration only)
This pin is an open drain output normally in the high impedance state which
pulls low when B1 and B2 time-slots are active. It can be used to enable the
Tristate control of a backplane line-driver.
SCLK
Out
(NT configuration only)
15.36 MHz clock output which is frequency locked to the received line
signal active as soon as UID is powered up except in NT1 Auto
configuration (active only if S line activation is requested)
20
XTAL2
Out
The output of the crystal oscillator, which should be connected to one end
of the crystal, if used. Otherwise, this pin must be left not connected.
21
XTAL1
In
The master clock input, which requires either a parallel resonance crystal to
be tied between this pin and XTAL2, or a logic level clock input from a
stable source. This clock does not need to be synchronized to the digital
interface clocks (FSa, BCLK).Crystal specifications: 15.36 MHz +/-50ppm
parallel resonant; Rs
≤ 20 ohms; load with 33pF to GND each side.
28
MW
In
MICROWIRE selection: When set high, MICROWIRE control interface is
selected. When set low, GCI interface is selected.
PIN FUNCTIONS (specific Micro Wire mode)
Pin
Name
In/Out
Description
6
FSa
In Out
Input or Output depending of the CMS bit in CR1 register, FSa is a 8 KHz
clock which indicates the start of the frame on Bx when FSa is input, or Bx
and Br when FSa is output.
Input or Output, the location of FSa relative to the frame on Bx or Bx and Br
depends of DDM bit in CR1 register, also the selected format.
7
FSb
In Out
Input or Output depending of the CMS bit in CR1 register, FSb is a 8 KHz
clock which indicates the start of the frame on Br when it is an input. When
it is an output, FSb is a 8 KHz pulse conforming with the selected format
and always indicating the second 64Kbit/sec channel of the frame on Br.
Input or Output, the location of FSb relative to the frame on Br depends of
DDM bit in CR1 register, also the selected format.
11
Br
Out
2B+D datas tristate output. Datas received from the line are shifted out on
the rising edge (at the BCLK frequency or the half BCLK frequency if format
4 is selected) during the assigned time slot. Br is in high impedance state
outside the assigned time slot and during the assigned time slot of the
channel if it is disabled.
When D channel port is enabled, only B1 B2 are on Br.
STLC5412
6/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com