Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 34Page - STMicroelectronics STLC5412 Datasheet HTML 35Page - STMicroelectronics STLC5412 Datasheet HTML 36Page - STMicroelectronics STLC5412 Datasheet HTML 37Page - STMicroelectronics STLC5412 Datasheet HTML 38Page - STMicroelectronics STLC5412 Datasheet HTML 39Page - STMicroelectronics STLC5412 Datasheet HTML 40Page - STMicroelectronics STLC5412 Datasheet HTML 41Page - STMicroelectronics STLC5412 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Table 7a: RXACT (indication) and TXACT (command) codes
CODES
NT
(GCI or MW, NON AUTO-MODE)
LT
(GCI or MW, NON AUTO-MODE)
C4 C3 C2 C1
RXACT
(indications)
TXACT
(commands)
RXACT
(indications)
TXACT
(commands)
0
0
0
0
0
DP/LSD
PUP (1)
–
PUP/DR
1
0
0
0
1
EIU
RES
EIU
RES
2
0
0
1
0
–
SP1
–
SP1
3
0
0
1
1
–
RDT
–
RDT
4
0
1
0
0
EIEIEI
FA0
5
0
1
0
1
–
PDN
–
PDN
6
0
1
1
0
–
–
UAI
UAR
7
0
1
1
1
–
QM
–
QM
8
1
0
0
0
APAR
APAR
9
1
0
0
1
––––
A
1
0
1
0
–––
ARL
B
1
0
1
1
–
SP3
–
SP3
C
1
1
0
0
AIAIAIAI
D
1
1
0
1
––––
E
1
1
1
0
–
AIL
–
–
F1
1
1
1
DI
DI
DI
DI
Note:
(1) ONLY IN SLAVE MODE. IN GCI MASTER MODE, SET BX PIN TO ”0” TO DO A PUP..
CODES
NTRR
(GCI or MW, NON AUTO-MODE)
LTRR
(GCI or MW, NON AUTO-MODE)
C4 C3 C2 C1
RXACT
(indications)
TXACT
(commands)
RXACT
(indications)
TXACT
(commands)
0
0
0
0
0
DP/LSD
PUP (1)
–
PUP/DR
1
0
0
0
1
EIU
RES
EIU
RES
2
0
0
1
0
–
SP1
–
SP1
3
0
0
1
1
–
RDT
–
RDT
4
0
1
0
0
EIEIEI
FA0
5
0
1
0
1
–
PDN
–
PDN
6
0
1
1
0
UAP
UAI
UAI
UAR
7
0
1
1
1
–
QM
–
QM
8
1
0
0
0
APAR
APAR
9
1
0
0
1
––––
A
1
0
1
0
–––
ARL
B
1
0
1
1
–
SP3
–
SP3
C
1
1
0
0
AIAIAIAI
D
1
1
0
1
––––
E
1
1
1
0
––––
F1
1
1
1
DI
DI
DI
DI
(1) ONLY IN SLAVE MODE.
STLC5412
38/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com