Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 3Page - STMicroelectronics STLC5412 Datasheet HTML 4Page - STMicroelectronics STLC5412 Datasheet HTML 5Page - STMicroelectronics STLC5412 Datasheet HTML 6Page - STMicroelectronics STLC5412 Datasheet HTML 7Page - STMicroelectronics STLC5412 Datasheet HTML 8Page - STMicroelectronics STLC5412 Datasheet HTML 9Page - STMicroelectronics STLC5412 Datasheet HTML 10Page - STMicroelectronics STLC5412 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
PIN FUNCTIONS (specific Micro Wire mode)
Pin
Name
In/Out
Description
12
BCLK
In Out
Bit clock input or output depending of the CMS bit in CMR register. When BCLK is
an input, its frequency may be any multiple of 8 KHz from 256 KHz to 4096 KHz in
formats 1, 2, 3; 512 KHz to 6176 KHz in format 4. When BCLK is an output, its
frequency is 256 KHz, 512 KHz, 1536 KHz, 2048 KHz or 2560 KHz depending of
the selection in CR1 register. In this case, BCLK is locked to the recovered clock
received from the line. Input or Output BCLK is synchronous with FSa/FSb. Datas
are shifted in and out (on Bx and Br) at the BCLK frequency in formats 1, 2, 3. In
format 4 datas are shifted out at half the BCLK frequency.
13
Bx
In
2B+D input. Basic access data to transmit to the line is shifted in on the
falling edges (at the BCLK frequency or the half BCLK frequency if format 4
is selected) during the assigned time-slots. When D channel port is
enabled, only B1 & B2 sampled on Bx.
14
DCLK
Out
D channel clock output when the D channel port is enabled in continuous
mode. Datas are shifted in and out (on Dx and Dr) at 16 KHz on the falling
and rising edges of DCLK respectively. In master mode, DCLK is
synchronous with BCLK.
15
Dr
Out
D channel data output when the D channel port is enabled. D channel data is
shifted out from the UID on this pin in 2 selectable modes: in TDM mode data
is shifted out at the BCLK frequency (or half BCLK frequency in format 4) on
the ridsing edges when the assigned time slot is active. In continuous mode
data is shifted in at the DCLK frequency on the rising edge continuously.
16
Dx
In
D channel data input when the D channel port is enabled. D channel data is
shifted in from the UID on this pin in 2 selectable modes: in TDM mode data
is shifted in at the BCLK frequency (or half BCLK frequency in format 4) on
the falling edges when the assigned time slot is active. In continuous mode
data is shifted in at the DCLK frequency on the falling edge continuously.
17
CCLK
In
Clock input for the MICROWIRE control channel: data is shifted in and out on CI
and CO pins with CCLK frequency following 2 modes. For each mode the CCLK
polarity is indifferent. CCLK may be asynchronous with all the others UID clocks.
18
CI
In
MICROWIREcontrol channel serial input: Two bytes data is shifted in the UID on
this pin on the rising or the falling edge of CCLK depending of the working mode.
19
CO
Out
MICROWIRE control channel serial output: two bytes data is shifted out the
UID on this pin on the rising or the falling edge of CCLK depending of the
working mode. When not enabled by CS low, CO is high impedance.
22
SFSx
In Out
Tx Super frame synchronization. The rising edge of SFSx indicates the
beginning of the transmit superframe on the line. In NT mode SFSx is always
an output. In LT mode SFSx is an input or an output depending of the SFS bit
in CR2 register. When SFSx is input, it must be synchronous of FSa. In DECT
mode this pin is always an input in LT configuration and is used to evaluate the
round trip delay, in NT configuration is an output used to resynchronise the
DECT frame counter.( refer to page 25)
25
SFSr
Out
Rx Super frame synchronization. The rising edge of SFSr indicates the
beginning of the received superframe on the line. UID provides this output
only when ESFR bit in CR4 register is set to 1.
LSD
Out
Line Signal Detect output (default configuration): This pin is an open drain
output which is normally in the high impedance state but pulls low when the
device previously in the power down state receives a wake-up by Tone from
the line. This signal is intended to be used to wake-up a micro-controller
from a low power idle mode. The LSD output goes back in the high
impedance state when the device is powered up.
26
INT
Out
Interrupt output: Latched open-drain output signal which is normally high
impedance and goes low to request a read cycle. Pending interrupt data is
shifted out from CO at the following read-write cycle. Several pending interrupts
may be queued internally and may provide several interrupt requests. INT is
freed upon receiving of CS low and can go low again when CS is freed.
27
CS
In
Chip Select input: When this pin is pulled low, data can be shifted in and out
from the UID through CI & CO pins. When high, this pin inhibits the
MICROWIRE interface. For normal read or write operation, CS has to be
pulled low for 16 CCLK periods.
STLC5412
7/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com