Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5412 Datasheet HTML 1Page - STMicroelectronics STLC5412 Datasheet HTML 2Page - STMicroelectronics STLC5412 Datasheet HTML 3Page - STMicroelectronics STLC5412 Datasheet HTML 4Page - STMicroelectronics STLC5412 Datasheet HTML 5Page - STMicroelectronics STLC5412 Datasheet HTML 6Page - STMicroelectronics STLC5412 Datasheet HTML 7Page - STMicroelectronics STLC5412 Datasheet HTML 8Page - STMicroelectronics STLC5412 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
STLC5412
2B1Q U INTERFACE DEVICE
ENHANCED WITH DECT MODE
PRELIMINARY DATA
GENERAL FEATURES
SINGLE CHIP 2B1Q LINE CODE TRANSCEIVER
SUITABLE FOR ISDN, PAIR GAIN AND DECT
APPLICATIONS
MEETS
OR
EXCEEDS ETSI
EUROPEAN
STANDARD
SINGLE 5V SUPPLY
DIP28 AND PLCC44 PACKAGE
HCMOS3A
SGS-THOMSON
ADVANCED
1.2
µm DOUBLE-METAL CMOS PROCESS
ROUND TRIP DELAY MEASUREMENT
EXTENDED TEMPERATURE RANGE (-40
°C
TO +70
°C)
TRANSMISSION FEATURES
160 KBIT/S FULL DUPLEX TRANSCEIVER
2B1Q LINE CODING WITH SCRAMBLER/DE-
SCRAMBLER
SUPPORTS BRIDGE TAPS, SPLICES AND
MIXED GAUGES
>70DB ADAPTIVE ECHO-CANCELLATION
ON CHIP HYBRID CIRCUIT
DECISION FEEDBACK EQUALIZATION
ON CHIP ANALOG VCO SYSTEM
DIRECT CONNECTION TO SMALL LINE
TRANSFORMER
SYSTEM FEATURES
ACTIVATION/DEACTIVATION CONTROLLER
ON CHIP CRC CALCULATION AND VERIFI-
CATION INCLUDING TWO PROGRAMMA-
BLE BLOCK ERROR COUNTERS
EOC
CHANNEL
AND
OVERHEAD-BITS
TRANSMISSION WITH AUTOMATIC MES-
SAGE CHECKING
GCI
AND
µW/DSI MODULE INTERFACES
COMPATIBLE
DIGITAL LOOPBACKS
COMPLETE (2B+D) ANALOG LOOPBACK IN LT
ELASTIC DATA BUFFERS AND BACKPLANE
CLOCK DE-JITTERIZER
AUTOMODE NT1 AND REPEATER
”U ACTIVATION ONLY” IN NT1
IDENTIFICATIONCODE AS PER GCISTANDARD
DECT FRAME SYNCHRONIZATION
EASILY
INTERFACEABLE
WITH
ST5451
(HDLC & GCI CONTROLLER), STLC5464 /
STLC5465 AND ANY OTHER GCI, IDL or
TDM COMPATIBLE DEVICES
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
February 1999
®
PLCC44
ORDERING NUMBER: STLC5412FN
Plastic DIP28
ORDERING NUMBER: STLC5412P
1/74


Similar Part No. - STLC5412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5411 STMICROELECTRONICS-STLC5411 Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
STLC5411FN STMICROELECTRONICS-STLC5411FN Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
STLC5411P STMICROELECTRONICS-STLC5411P Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
More results

Similar Description - STLC5412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5411 STMICROELECTRONICS-STLC5411 Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
logo
Agere Systems
T7264 AGERE-T7264 Datasheet
876Kb / 54P
T7264 U-Interface 2B1Q Transceiver
April 1998
logo
Rhombus Industries Inc.
T-13211G RHOMBUS-IND-T-13211G Datasheet
26Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13222G RHOMBUS-IND-T-13222G Datasheet
26Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13210 RHOMBUS-IND-T-13210 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13214 RHOMBUS-IND-T-13214 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13219 RHOMBUS-IND-T-13219 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13221 RHOMBUS-IND-T-13221 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13222 RHOMBUS-IND-T-13222 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13230 RHOMBUS-IND-T-13230 Datasheet
93Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com